công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL40FD bảng dữ liệu(PDF) 54 Page - ABB

tên linh kiện OTPL40FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL40FD bảng dữ liệu(HTML) 54 Page - ABB

Back Button OTPL40FD Datasheet HTML 50Page - ABB OTPL40FD Datasheet HTML 51Page - ABB OTPL40FD Datasheet HTML 52Page - ABB OTPL40FD Datasheet HTML 53Page - ABB OTPL40FD Datasheet HTML 54Page - ABB OTPL40FD Datasheet HTML 55Page - ABB OTPL40FD Datasheet HTML 56Page - ABB OTPL40FD Datasheet HTML 57Page - ABB OTPL40FD Datasheet HTML 58Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 192 page
background image
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for terminal clamps
Terminal clamp sets for Al- and Cu-cables, insulated versions
Suitable for switches
Cable cross section
Type
Order code
Weight/
unit
mm²
kg
OT63...125
16...50 Al, 2.5...50 Cu
OZXT1 **)
1SCA022469R6310
0.05
OT100...160
16...120 Al/Cu
OZXT2
1SCA022620R7200
0.21
OT100...160
2x(16...50) Al/Cu
OZXT3
1SCA022639R0720
0.21
**)
In=63 A
- More information on Al/Cu terminal clamps, see the catalogue OZX1A GB.
OZXT2
OZXT1
54
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
54
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More