công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL40FD bảng dữ liệu(PDF) 87 Page - ABB

tên linh kiện OTPL40FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL40FD bảng dữ liệu(HTML) 87 Page - ABB

Back Button OTPL40FD Datasheet HTML 83Page - ABB OTPL40FD Datasheet HTML 84Page - ABB OTPL40FD Datasheet HTML 85Page - ABB OTPL40FD Datasheet HTML 86Page - ABB OTPL40FD Datasheet HTML 87Page - ABB OTPL40FD Datasheet HTML 88Page - ABB OTPL40FD Datasheet HTML 89Page - ABB OTPL40FD Datasheet HTML 90Page - ABB OTPL40FD Datasheet HTML 91Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 192 page
background image
—
Manual switch-disconnectors OT200...2000, UL
Ordering information for non-fusible disconnect switches
—
Front operated non-fusible disconnect switches, base mounting, UL/CSA
Including terminal bolts, handle and shaft as standard.
Number
of poles
Ampere rating, 600 V AC
Type
Order code
Weight/
unit
A
kg
lb
Switch with handle and shaft
2
1600
OT1600U02P
1SCA144206R1001
38
83.8
3
1600
OT1600U03P
1SCA144207R1001
53
116.9
4
1600
OT1600U04P
1SCA144208R1001
70
154.3
3
1600
OT1600U12P
1SCA144209R1001
53
116.9
4
1600
OT1600U13P
1SCA144210R1001
70
154.3
4
1600
OT1600U22P
1SCA144211R1001
70
154.3
2
2000
OT2000U02P
1SCA144212R1001
38
83.8
3
2000
OT2000U03P
1SCA117314R1001
53
116.9
4
2000
OT2000U04P
1SCA117317R1001
70
154.3
3
2000
OT2000U12P
1SCA117333R1001
53
116.9
4
2000
OT2000U13P
1SCA117337R1001
70
154.3
4
2000
OT2000U22P
1SCA117335R1001
70
154.3
—
Shafts, pistol handles and terminal bolt kits included as standard
Suitable for switches
Shaft
Handle
Terminal bolt kits
OT1600...2000_P
OXP12X280
OHB274J12
M12X60
OT1600...2000U03P
OT1600...2000U04P
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
87
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More