| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL40FD bảng dữ liệu(PDF) 55 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL40FD bảng dữ liệu(HTML) 55 Page - ABB |
|
55 / 192 page ![]() — 6 and 8-pole switch mechanism Suitable for switches Shaft distance Type Order code Weight/ unit mm kg Parallel attachment for connecting two 3- or 4-pole switches The switches work simultaneously. Mounting directly on the top of two switch-disconnectors, snap-on mounting. The switch size is printed on stickers for the different switch sizes. The fourth pole or auxiliary contacts can be mounted on the outer side of the combination. OT16...40 OWP6D40 1SCA022865R4800 0.03 OT63...80 OWP6D80 1SCA022865R5010 0.03 OT30...60, OT100...125 OWP6D125 1SCA022865R5100 0.03 OT160G OESAZW2 1SCA022078R1600 0.80 Attachment levers for connecting two 3- or 4-pole switches Attachment levers provided with holes, enabling different shaft distances. The combination of 3 or 4-pole switches can be mounted either horizontally or vertically. OT16...40 45+(0...12)x15 OTZW8 1SCA022421R7600 0.17 OT63...80 60+(0...11)x15 OTZW8 1SCA022421R7600 0.17 OT30...60, OT100...125 75+(0...10)x15 OTZW8 1SCA022421R7600 0.17 See the table of the handles and shafts included in the conversion kits on the following spread. — Change-over switch mechanism Two switches (3 or 4-pole) are connected with a mechanism operating between I-O-II -positions. The modular change-over switches can be built by adding a compact snap-on kit on the top of two switch-disconnectors. The kits do not require any additional foot print area, only the height is increased 12 mm. Suitable for switches Shaft distance Type Order code Weight/ unit mm kg Change-over kits OT16…40 OWC6D40 1SCA022865R4550 0.03 OT63…80 OWC6D80 1SCA022865R4630 0.07 OT30...60, OT100...125 OWC6D125 1SCA104494R1001 0.09 Attachment levers OT16…160 90+(0...10)x15 OESAZW1 1SCA022064R3710 0.78 See the table of the handles and shafts included in the conversion kits on the following spread. — Accessories for manual switch-disconnectors OT16...160 Ordering information for conversion kits OTZW8 OWC6D40 OWC6D125 OWP6D40 OWP6D80 OWP6D125 OESAZW1 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 55 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 55 |