công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL40FD bảng dữ liệu(PDF) 79 Page - ABB

tên linh kiện OTPL40FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL40FD bảng dữ liệu(HTML) 79 Page - ABB

Back Button OTPL40FD Datasheet HTML 75Page - ABB OTPL40FD Datasheet HTML 76Page - ABB OTPL40FD Datasheet HTML 77Page - ABB OTPL40FD Datasheet HTML 78Page - ABB OTPL40FD Datasheet HTML 79Page - ABB OTPL40FD Datasheet HTML 80Page - ABB OTPL40FD Datasheet HTML 81Page - ABB OTPL40FD Datasheet HTML 82Page - ABB OTPL40FD Datasheet HTML 83Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 192 page
background image
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information
—
Front operated switch-disconnectors OT1000...4000, base mounting, IEC
Including terminal bolt kit, a black ON-OFF plastic pistol handle and shaft as standard.
The handle is IP65 protected and padlockable in the OFF position. The door is interlocked
when the handle is in ON position and in OFF position when the handle is padlocked.
The shaft can be adjusted to different installation depths, see page 127.
Number
of poles
Open air thermal
current Ith
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
A/A
kg
3
1000
1000/1000
OT1000E03P
1SCA022860R5930
17.0
3+N 1)
1000
1000/1000
OT1000E03N3P 1SCA100761R1001
17.9
4
1000
1000/1000
OT1000E04P
1SCA022860R6150
19.5
3
1000
1000/1000
OT1000E12P
1SCA022871R5520
17.0
4
1000
1000/1000
OT1000E22P
1SCA022871R5610
19.5
3
1250
1250/1250
OT1250E03P
1SCA022860R6230
17.0
3+N 1)
1250
1250/1250
OT1250E03N3P 1SCA022865R7060
17.9
4
1250
1250/1250
OT1250E04P
1SCA022860R6310
19.5
3
1250
1250/1250
OT1250E12P
1SCA022871R5790
17.0
4
1250
1250/1250
OT1250E22P
1SCA022871R5870
19.5
3
1600
1600/1250
OT1600E03P
1SCA022860R6580
19.0
3+N 1)
1600 2)
1600/1250
OT1600E03N3P 1SCA022865R6920
19.9
4
1600
1600/1250
OT1600E04P
1SCA022860R6740
22.0
3
1600
1600/1250
OT1600E12P
1SCA022871R5950
19.0
4
1600
1600/1250
OT1600E22P
1SCA022871R6090
22.0
1)
Include a detachable neutral link integrated into the mechanism.
2)
Ith for N-pole =1250 A
—
Shafts, pistol handles and terminal bolt kits included as standard
Suitable for switches
Shaft
Handle
Terminal bolt kit
OT1000...1250_P
OXP12X280
OHB274J12
M12x50
OT1600_P
OXP12X280
OHB274J12
M12x60
OT1000...1250E03P
OT1600E12P
OT1000...1250E22P
OT1600E04P
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
79
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More