| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL40FD bảng dữ liệu(PDF) 56 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL40FD bảng dữ liệu(HTML) 56 Page - ABB |
|
56 / 192 page ![]() — Accessories for manual switch-disconnectors OT16...160 Ordering information for conversion kits OTZW24 OTZW17 Mechanical interlock — By-pass switch mechanism A combination of two switches in parallel with a third switch for change-over operation to by-pass, for example, a breaker for maintenance. Three 3 or 4-pole switches needed. The mechanism is lockable in O-position. Suitable for switches Shaft distance Type Order code Weight/ unit mm kg OT16...125 Between 1 and 2: 90+(0...6)x15 Between 1 and 3: 90+(0...10)x15 OTZW17 1SCA022387R1620 0.88 OT160G Between 1 and 2: 210+(0...9)x20 Between 1 and 3: 250+(0...9)x20 OTZW26 1SCA022778R7060 3.30 See the table of the handles and shafts included in the conversion kits on the following spread. — Mechanical interlock mechanism Prevents one switch from moving to ON-position, if the other is not in OFF-position. When mounted upside down, prevents one switch from moving to OFF-position, if the other is not in ON-position. (UPS-usage, make-before-break). Suitable for switches Shaft distance Type Order code Weight/ unit mm kg OT16...125 100 OTZW24 1SCA022639R5610 0.08 OT160G OTZW10 1SCA022431R5280 1 See the table of the handles and shafts included in the conversion kits on the following spread. 56 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 56 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |