công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OTPL40FD bảng dữ liệu(PDF) 90 Page - ABB

tên linh kiện OTPL40FD
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OTPL40FD bảng dữ liệu(HTML) 90 Page - ABB

Back Button OTPL40FD Datasheet HTML 86Page - ABB OTPL40FD Datasheet HTML 87Page - ABB OTPL40FD Datasheet HTML 88Page - ABB OTPL40FD Datasheet HTML 89Page - ABB OTPL40FD Datasheet HTML 90Page - ABB OTPL40FD Datasheet HTML 91Page - ABB OTPL40FD Datasheet HTML 92Page - ABB OTPL40FD Datasheet HTML 93Page - ABB OTPL40FD Datasheet HTML 94Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated switch-disconnectors OT160...800, base mounting, IEC
OT160EV_P, OT200_P and OT250_P
Mechanism at the end of the switch or between the poles
A2
114
A1
B2
109,5
B1
C1
84
C2
114
57
B
A
70
35
20
35
9
4
122
100
M5
10
33,5
3
25
150
70
14 min
189...254
(OXP 6x210)
45
6
65
83
12,5
6
OT160EV_/200E_/250E_
[mm]
E11
E12
E13
E22
A
80
80
80
115
B
115,5
150,5
185,5
185,5
A190
125
160
160
A2
45
45
45
80
B1106
141
141
176
B2
53
53
53
88
C1
120
155
190
190
C2
60
60
60
95
M00017/OT200_250E11_22 F
A2
114
A1
B2
109,5
B1
C1
84
C2
114
57
B
A
70
35
20
35
9
4
122
100
M5
10
33,5
3
25
150
70
14 min
189...254
(OXP 6x210)
45
6
65
83
12,5
6
OT160EV_/200E_/250E_
[mm]
E11
E12
E13
E22
A
80
80
80
115
B
115,5
150,5
185,5
185,5
A190
125
160
160
A2
45
45
45
80
B1106
141
141
176
B2
53
53
53
88
C1
120
155
190
190
C2
60
60
60
95
M00017/OT200_250E11_22 F
10
114
A1
109,5
B1
18
84
C1
25
10
Ø9
4
35
17,5
100
57
45
A
35
20
122
M5
34,6
33,5
25
150
70
189...254
14 min
45
3
6
( OXP 6x210)
65
83
12,5
6
66
OT160EV_/200E_/250E_
[mm]
E01
E02
E03
E04
A
75,5
110,5
145,5
180,5
A155
90
125
160
B171
106
141
176
C1
85
120
155
190
M00011/S01843 OT200_250E01_04 F
10
114
A1
109,5
B1
18
84
C1
25
10
Ø9
4
35
17,5
100
57
45
A
35
20
122
M5
34,6
33,5
25
150
70
189...254
14 min
45
3
6
( OXP 6x210)
65
83
12,5
6
66
OT160EV_/200E_/250E_
[mm]
E01
E02
E03
E04
A
75,5
110,5
145,5
180,5
A155
90
125
160
B171
106
141
176
C1
85
120
155
190
M00011/S01843 OT200_250E01_04 F
OT160EV_P, OT200_P and OT250_P
Mechanism at the end of the switch or between the poles
Main dimensions mm
OT160EV_/200E_/250E_
[mm]
E01
E02
E03
E04
A
75,5
110,5
145,5
180,5
A1
55
90
125
160
B1
71
106
141
176
C1
85
120
155
190
M00011/S01843 OT200_250E01_04 F
OT160EV_/200E_/250E_
[mm]
E11
E12
E13
E22
A
80
80
80
115
B
115,5
150,5
185,5
185,5
A1
90
125
160
160
A2
45
45
45
80
B1
106
141
141
176
B2
53
53
53
88
C1
120
155
190
190
C2
60
60
60
95
M00017/OT200_250E11_22 F
90
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
90
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More