| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL40FD bảng dữ liệu(PDF) 174 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL40FD bảng dữ liệu(HTML) 174 Page - ABB |
|
174 / 192 page ![]() — Fourth poles, simultaneous function with the main contacts Mountable on the side of the 3-pole switch without wide phase distances. Suitable for switches Type Order code Weight/ unit kg OTM40 OTPS60FP 1SCA111009R1001 0.14 OTM63...125 OTPS125FP 1SCA105099R1001 0.30 — Fourth poles, late-break and early-make Mountable on the side of the switch. Suitable for switches Type Order code Weight/ unit kg OTM40 OTPL60FP 1SCA111004R1001 0.14 OTM63...125 OTPL125FP 1SCA105090R1001 0.30 *) N1=On the left side of the switch N2=On the right side of the switch — Fixed neutral Mountable on the side of the switch. Suitable for switches Type Order code Weight/ unit kg OTM40 OTPN60FP 1SCA117606R1001 0.14 OTM63...125 OTPN125FP 1SCA105090R1001 0.30 — Protective earth Mountable on the side of the switch. Suitable for switches Type Order code Weight/ unit kg OTM40 OTPE60FP 1SCA111016R1001 0.14 OTM63...125 OTPE125FP 1SCA105090R1001 0.30 — Neutral links Detachable, mountable separately to the base plate Suitable for switches Ith Type Order code Weight/ unit A kg OTM160...250 250 OXN250 1SCA022752R9950 0.26 OTM315...400 400 OXN400 1SCA022770R3060 0.70 OTM630...800 800 OXN800T 1SCA022829R0840 0.96 OTM1000…2500 1250 OXN1250T 1SCA104162R1001 2.20 OTPS60FP OTPS125FD OTPE125FP — Accessories for motorized switch-disconnectors Ordering information for fourth poles, neutral and earth terminals OXN250 OXN400 OXN1250T 174 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 174 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |