công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 216 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 216 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 212Page - NEC MPD78CP14KB Datasheet HTML 213Page - NEC MPD78CP14KB Datasheet HTML 214Page - NEC MPD78CP14KB Datasheet HTML 215Page - NEC MPD78CP14KB Datasheet HTML 216Page - NEC MPD78CP14KB Datasheet HTML 217Page - NEC MPD78CP14KB Datasheet HTML 218Page - NEC MPD78CP14KB Datasheet HTML 219Page - NEC MPD78CP14KB Datasheet HTML 220Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 373 page
background image
CHAPTER 11
EXTERNAL DEVICE ACCESSES AND TIMINGS
198
11.2
µPD78C17/78C10A External Device Access
As the
µPD78C17/78C10A have no on-chip ROM, it is possible to install an external device (program memory,
data memory, or a peripheral device) in an external 63K byte area (0000H to FBFFH)/64K-byte area (0000H to FEFFH)
in addition to on-chip RAM. The address space of an externally installed device is set by the MODE0 and MODE1
pins, with a choice of 4K bytes (addresses 0000H to 0FFFH), 16K bytes (addresses 0000H to 3FFFH), or 63K bytes
(addresses 0000H to FBFFH)/64K bytes (addresses 0000H to FEFFH).
Control Pins
MODE1 MODE0
4K-byte access
0
0
4K bytes (addresses 0000H to 0FFFH)
Address FF00H to FFFFH
16K-byte access
0
1
16K bytes (addresses 0000H to 3FFFH)
Addresses FF00H to FFFFH
–
1
0
Setting Prohibited
63K-byte access
1
1
63K bytes (addresses 0000H to FBFFH)
Addresses FC00H to FFFFH
(
µPD78C17 only)
64K-byte access
1
1
64K bytes (addresses 0000H to FEFFH)
Addresses FF00H to FFFFH
(
µPD78C10A only)
The external device is accessed using the RD, WR and ALE signals, with pins PD7 to PD0 functioning as a
multiplexed address/data bus (AD7 to AD0) and pins PF7 to PF0 as an address bus (AB15 to AB8). When accessing
a 4K-byte or 16K-byte area external device, pins PF7 to PF0 which are not used as address lines can be used as general-
purpose input/output port pins.
The size of the external address space is determined by the setting of the MODE0 and MODE1 pins.
Operation Mode
External Address Area
On-Chip RAM Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com