công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 205 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 205 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 201Page - NEC MPD78CP14KB Datasheet HTML 202Page - NEC MPD78CP14KB Datasheet HTML 203Page - NEC MPD78CP14KB Datasheet HTML 204Page - NEC MPD78CP14KB Datasheet HTML 205Page - NEC MPD78CP14KB Datasheet HTML 206Page - NEC MPD78CP14KB Datasheet HTML 207Page - NEC MPD78CP14KB Datasheet HTML 208Page - NEC MPD78CP14KB Datasheet HTML 209Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 373 page
background image
CHAPTER 11 EXTERNAL DEVICE ACCESSES AND TIMINGS
11.1
µPD78C18/78C14/78C14A/78C12A/78C11A External Device Accesses
For the
µPD78C18/78C14/78C14A/78C12A/78C11A, the areas shown below can be used for external device
expansion (data memory, program memory or peripheral devices).
•
µPD78C18
: Addresses 8000H to FBFFH (31K bytes)
•
µPD78C14, 78C14A : Addresses 4000H to FEFFH (48K bytes)
•
µPD78C12A
: Addresses 2000H to FEFFH (56K bytes)
•
µPD78C11A
: Addresses 1000H to FEFFH (60K bytes)
The memory mapping register (MM) is used for external device expansion. Pins PD7 to PD0 are used as a
multiplexed address/data bus (AD7 to AD0), and pins PF7 to PF0 are used as an address bus (AB15 to AB8). With
pins PF7 to PF0, the number of bits functioning as the address bus can be varied according to the size of the external
expansion memory, and memory can be expanded in steps from 256 bytes up to 31K/48K/56K/60K bytes (depending
on the product). Pins which are not used for the address bus can be used as general-purpose input/output port pins
(see Table 11-1).
Table 11-1. PF7 to PF0 Address Bus Selection
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
External Address Space
Port
Port
Port
Port
Port
Port
Port
Port
Up to 256 bytes
Port
Port
Port
Port
AB11
AB10
AB9
AB8
Up to 4K bytes
Port
Port
AB13
AB12
AB11
AB10
AB9
AB8
Up to 16K bytes
AB15
AB14
AB13
AB12
AB11
AB10
AB9
AB8
Up to 31K/48K/56K/60K
bytesNote
Note 31K (
µPD78C18), 48K (µPD78C14/78C14A), 56K (µPD78C12A), 60K (µPD78C11A)
When an external device reference instruction is executed in the 256-byte expansion mode, the
µPD78C18/78C14/
78C14A/78C12A/78C11A masks the high-order 8 bits of the 16-bit external reference address, and outputs a value
from 00H to FFH from pins PD7 to PD0 (AD7 to AD0) as address information.
187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com