công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 181 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 181 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 177Page - NEC MPD78CP14KB Datasheet HTML 178Page - NEC MPD78CP14KB Datasheet HTML 179Page - NEC MPD78CP14KB Datasheet HTML 180Page - NEC MPD78CP14KB Datasheet HTML 181Page - NEC MPD78CP14KB Datasheet HTML 182Page - NEC MPD78CP14KB Datasheet HTML 183Page - NEC MPD78CP14KB Datasheet HTML 184Page - NEC MPD78CP14KB Datasheet HTML 185Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 373 page
background image
CHAPTER 9
INTERRUPT CONTROL FUNCTIONS
163
9.4 Maskable Interrupt Operation
Interrupt requests except non-maskable interrupts and the SOFTI instruction are maskable interrupts which can
be enabled/disabled (IE F/F set/reset) by the EI/DI instructions and can be masked individually by means of the mask
register.
When an external maskable interrupt is recognized as a normal interrupt signal by an active level input for more
than the specified time, an interrupt request flag is set. If an internal interrupt request is generated, an interrupt
request flag is immediately set. Once the interrupt request flag is set, both the external and internal interrupts are
serviced using the following procedure (see Figure 9-3 Interrupt Sampling).
(i)
In the EI state (IE F/F=1), a check is made to see if the interrupt request flag has been set at the end
checked at end of each instruction. If the flag has been set, the interrupt cycle starts. However, interrupt
requests masked by the mask register are not checked.
(ii)
If two or more interrupt request flags have been set simultaneously, their priorities are checked. The
interrupt with the highest priority is acknowledged and the others are held pending.
(iii) When an interrupt request is acknowledged, the interrupt request flag is automatically reset. If two types
of interrupt requests with the same priority have both been unmasked by the mask register, the interrupt
request flag is not reset. This is because the two types are identified by software at a later stage.
(iv) When an interrupt request is acknowledged, the IE F/F is reset, and all interrupts except non-maskable
interrupts and the SOFTI instruction are placed in the disabled state (DI state).
(v) The PSW, upper PC byte and lower PC byte are saved to the stack memory in that order.
(vi) The program jumps to the interrupt address.
These interrupt operations are automatically carried out in 16 states.
The pending interrupt requests are acknowledged if there are no other interrupt requests of higher priority when
interrupts are enabled by execution of the EI instruction.
With maskable interrupts there are two types of interrupt requests with the same priority and same interrupt
address. Unmasking both types, unmasking one type, or masking both kinds can be selected by setting the mask
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com