công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 91 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 91 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 87Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 88Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 89Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 90Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 91Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 92Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 93Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 94Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
10.2.8
CD Test and BIST Extensions Register (CDCTRL1)
This register controls test modes for the 10BASE-T Common Driver. In addition it contains extended
control and status for the packet BIST function.
Table 10-23. CD Test and BIST Extensions Register (CDCTRL1), address 1Bh
Bit
Bit Name
Default
Description
15:8
BIST_ERROR_COUNT
0, RO
BIST ERROR Counter:
Counts number of errored data nibbles during Packet BIST. This value
will reset when Packet BIST is restarted. The counter sticks when it
reaches its max count.
7:6
RESERVED
0, RW
RESERVED: Must be zero.
5
BIST_CONT_MODE
0, RW
Packet BIST Continuous Mode:
Allows continuous pseudo random data transmission without any break
in transmission. This can be used for transmit VOD testing. This is used
in conjunction with the BIST controls in the PHYCR Register (19h). For
10Mb operation, jabber function must be disabled, bit 0 of the 10BTSCR
(1Ah), JABBER_DIS = 1.
4
CDPATTEN_10
0, RW
CD Pattern Enable for 10Mb:
1 = Enabled.
0 = Disabled.
3
RESERVED
0, RW
RESERVED: Must be zero.
2
10MEG_PATT_GAP
0, RW
Defines gap between data or NLP test sequences:
1 = 15 µs.
0 = 10 µs.
1:0
CDPATTSEL[1:0]
00, RW
CD Pattern Select[1:0]:
If CDPATTEN_10 = 1:
00 = Data, EOP0 sequence.
01 = Data, EOP1 sequence.
10 = NLPs.
11 = Constant Manchester 1s (10 MHz sine wave) for harmonic distortion
testing.
10.2.9 Phy Control Register 2 (PHYCR2)
This register provides additional general control.
Table 10-24. Phy Control Register 2 (PHYCR2), address 1Ch
Bit
Bit Name
Default
Description
15:1
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
0
9
SOFT_RESET
0, RW/SC
Soft Reset:
Resets the entire device minus the registers - all configuration is
preserved.
1= Reset, self-clearing.
8:0
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
Copyright © 2009–2013, Texas Instruments Incorporated
Register Block
91
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com