| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 53 Page - Texas Instruments |
|
53 / 108 page ![]() DP83849IF www.ti.com SNOSAX8D – JUNE 2009 – REVISED APRIL 2013 7.2.2.2 Base Line Wander Compensation Figure 7-4. 100BASE-TX BLW Event The DP83849IF is completely ANSI TP-PMD compliant and includes Base Line Wander (BLW) compensation. The BLW compensation block can successfully recover the TP-PMD defined “killer” pattern. BLW can generally be defined as the change in the average DC content, relatively short period over time, of an AC coupled digital transmission over a given transmission medium. (i.e., copper wire). BLW results from the interaction between the low frequency components of a transmitted bit stream and the frequency response of the AC coupling component(s) within the transmission system. If the low frequency content of the digital bit stream goes below the low frequency pole of the AC coupling transformers then the droop characteristics of the transformers will dominate resulting in potentially serious BLW. The digital oscilloscope plot provided in Figure 7-4 illustrates the severity of the BLW event that can theoretically be generated during 100BASE-TX packet transmission. This event consists of approximately 800 mV of DC offset for a period of 120 ms. Left uncompensated, events such as this can cause packet loss. 7.2.3 Signal Detect The signal detect function of the DP83849IF is incorporated to meet the specifications mandated by the ANSI FDDI TP-PMD Standard as well as the IEEE 802.3 100BASE-TX Standard for both voltage thresholds and timing parameters. Note that the reception of normal 10BASE-T link pulses and fast link pulses per IEEE 802.3u Auto- Negotiation by the 100BASE-TX receiver do not cause the DP83849IF to assert signal detect. 7.2.4 MLT-3 to NRZI Decoder The DP83849IF decodes the MLT-3 information from the Digital Adaptive Equalizer block to binary NRZI data. 7.2.5 NRZI to NRZ In a typical application, the NRZI to NRZ decoder is required in order to present NRZ formatted data to the descrambler. 7.2.6 Serial to Parallel The 100BASE-TX receiver includes a Serial to Parallel converter which supplies 5-bit wide data symbols to the PCS Rx state machine. Copyright © 2009–2013, Texas Instruments Incorporated Architecture 53 Submit Documentation Feedback Product Folder Links: DP83849IF |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |