công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 47 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 47 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 43Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 44Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 45Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 46Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 47Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 48Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 49Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 50Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
The
DP83849IF
requires
a
single
initialization
sequence
of
32
bits
of
preamble
following
hardware/software reset. This requirement is generally met by the mandatory pull-up resistor on MDIO in
conjunction with a continuous MDC, or the management access made to determine whether Preamble
Suppression is supported.
While the DP83849IF requires an initial preamble sequence of 32 bits for management initialization, it
does not require a full 32-bit sequence between each subsequent transaction. A minimum of one idle bit
between management transactions is required as specified in the IEEE 802.3u specification.
6.6.4
Simultaneous Register Write
The DP83849IF incorporates a mode which allows simultaneous write access to both Port A and B
register blocks at the same time. This mode is selected by setting bit 15 of RMII and Bypass Register
(RBR, address 17h) in Port A.
As long as this bit remains set, subsequent writes to Port A will write to registers in both ports.
Register reads are unaffected. Each port must still be read individually.
Copyright © 2009–2013, Texas Instruments Incorporated
MAC Interface
47
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com