công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 40 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 36Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 37Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 38Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 39Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 40Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 41Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 42Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 43Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
When heartbeat is enabled (only applicable to 10 Mb/s operation), approximately 1µs after the
transmission of each packet, a Signal Quality Error (SQE) signal of approximately 10 bit times is
generated (internally) to indicate successful transmission. SQE is reported as a pulse on the COL signal of
the MII.
6.1.3
Carrier Sense
Carrier Sense (CRS) is asserted due to receive activity, once valid data is detected via the squelch
function during 10 Mb/s operation. During 100 Mb/s operation CRS is asserted when a valid link (SD) and
two non-contiguous zeros are detected on the line.
For 10 or 100 Mb/s Half Duplex operation, CRS is asserted during either packet transmission or reception.
For 10 or 100 Mb/s Full Duplex operation, CRS is asserted only due to receive activity.
CRS is deasserted following an end of packet.
6.2
REDUCED MII INTERFACE
The DP83849IF incorporates the Reduced Media Independent Interface (RMII) as specified in the RMII
specification (rev1.2) from the RMII Consortium. This interface may be used to connect PHY devices to a
MAC in 10/100 Mb/s systems using a reduced number of pins. In this mode, data is transferred 2-bits at a
time using the 50 MHz RMII_REF clock for both transmit and receive. The following pins are used in RMII
mode:
•
TX_EN
•
TXD[1:0]
•
RX_ER (optional for MAC)
•
CRS_DV
•
RXD[1:0]
•
X1 (RMII Reference clock is 50 MHz)
In addition, the RMII mode supplies an RX_DV signal which allows for a simpler method of recovering
receive data without having to separate RX_DV from the CRS_DV indication. This is especially useful for
diagnostic testing where it may be desirable to externally loop Receive MII data directly to the transmitter.
The RX_ER output may be used by the MAC to detect error conditions. It is asserted for symbol errors
received during a packet, False Carrier events, and also for FIFO underrun or overrun conditions. Since
the Phy is required to corrupt receive data on an error, a MAC is not required to use RX_ER.
It is important to note that since both digital channels in the DP83849IF share the X1/RMII_REF input,
both channels must have RMII mode enabled or both channels must have RMII mode disabled. Either
channel may be in 10Mb or 100Mb mode in RMII or non-RMII mode.
Since the reference clock operates at 10 times the data rate for 10 Mb/s operation, transmit data is
sampled every 10 clocks. Likewise, receive data will be generated every 10th clock so that an attached
device can sample the data every 10 clocks.
RMII mode requires a 50 MHz oscillator be connected to the device X1 pin. A 50 MHz crystal is not
supported.
To tolerate potential frequency differences between the 50 MHz reference clock and the recovered receive
clock, the receive RMII function includes a programmable elasticity buffer. The elasticity buffer is
programmable to minimize propagation delay based on expected packet size and clock accuracy. This
allows for supporting a range of packet sizes including jumbo frames.
40
MAC Interface
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com