công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 83 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 83 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 79Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 80Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 81Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 82Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 83Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 84Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 85Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 86Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
10.1.12
MII Interrupt Status and Misc. Control Register (MISR)
This register contains event status and enables for the interrupt function. If an event has occurred since
the last read of this register, the corresponding status bit will be set. If the corresponding enable bit in the
register is set, an interrupt will be generated if the event occurs. The MICR register controls must also be
set to allow interrupts. The status indications in this register will be set even if the interrupt is not enabled.
Table 10-14. MII Interrupt Status and Misc. Control Register (MISR), address 12h
Bit
Bit Name
Default
Description
15
LQ_INT
0, RO/COR
Link Quality interrupt:
1 = Link Quality interrupt is pending and is cleared by the current read.
0 = No Link Quality interrupt pending.
14
ED_INT
0, RO/COR
Energy Detect interrupt:
1 = Energy detect interrupt is pending and is cleared by the current read.
0 = No energy detect interrupt pending.
13
LINK_INT
0, RO/COR
Change of Link Status interrupt:
1 = Change of link status interrupt is pending and is cleared by the current read.
0 = No change of link status interrupt pending.
12
SPD_INT
0, RO/COR
Change of speed status interrupt:
1 = Speed status change interrupt is pending and is cleared by the current read.
0 = No speed status change interrupt pending.
11
DUP_INT
0, RO/COR
Change of duplex status interrupt:
1 = Duplex status change interrupt is pending and is cleared by the current read.
0 = No duplex status change interrupt pending.
10
ANC_INT
0, RO/COR
Auto-Negotiation Complete interrupt:
1 = Auto-negotiation complete interrupt is pending and is cleared by the current
read.
0 = No Auto-negotiation complete interrupt pending.
9
FHF_INT
0, RO/COR
False Carrier Counter half-full interrupt:
1 = False carrier counter half-full interrupt is pending and is cleared by the current
read.
0 = No false carrier counter half-full interrupt pending.
8
RHF_INT
0, RO/COR
Receive Error Counter half-full interrupt:
1 = Receive error counter half-full interrupt is pending and is cleared by the current
read.
0 = No receive error carrier counter half-full interrupt pending.
7
LQ_INT_EN
0, RW
Enable Interrupt on Link Quality Monitor event.
6
ED_INT_EN
0, RW
Enable Interrupt on energy detect event.
5
LINK_INT_EN
0, RW
Enable Interrupt on change of link status.
4
SPD_INT_EN
0, RW
Enable Interrupt on change of speed status.
3
DUP_INT_EN
0, RW
Enable Interrupt on change of duplex status.
2
ANC_INT_EN
0, RW
Enable Interrupt on Auto-negotiation complete event.
1
FHF_INT_EN
0, RW
Enable Interrupt on False Carrier Counter Register half-full event.
0
RHF_INT_EN
0, RW
Enable Interrupt on Receive Error Counter Register half-full event.
Copyright © 2009–2013, Texas Instruments Incorporated
Register Block
83
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com