công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 90 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 90 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 86Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 87Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 88Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 89Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 90Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 91Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 92Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 93Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
10.2.7
10 Base-T Status/Control Register (10BTSCR)
This register is used for control and status for 10BASE-T device operation.
Table 10-22. 10Base-T Status/Control Register (10BTSCR), address 1Ah
Bit
Bit Name
Default
Description
15
10BT_SERIAL
Strap, RW
10Base-T Serial Mode (SNI)
1 = Enables 10Base-T Serial Mode.
0 = Normal Operation.
Places 10 Mb/s transmit and receive functions in Serial Network Interface (SNI)
Mode of operation. Has no effect on 100 Mb/s operation.
14:1
RESERVED
0, RW
RESERVED: Must be zero.
2
11:9
SQUELCH
100, RW
Squelch Configuration:
Used to set the Squelch ON threshold for the receiver.
Default Squelch ON is 330mV peak.
8
LOOPBACK_10_DIS
0, RW
10Base-T Loopback Disable:
In half-duplex mode, default 10BASE-T operation loops Transmit data to the
Receive data in addition to transmitting the data on the physical medium. This is
for consistency with earlier 10BASE2 and 10BASE5 implementations which used
a shared medium. Setting this bit disables the loopback function.
This bit does not affect loopback due to setting BMCR[14].
7
LP_DIS
0, RW
Normal Link Pulse Disable:
1 = Transmission of NLPs is disabled.
0 = Transmission of NLPs is enabled.
6
FORCE_LINK_10
0, RW
Force 10Mb Good Link:
1 = Forced Good 10Mb Link.
0 = Normal Link Status.
5
RESERVED
0, RW
RESERVED: Must be zero.
4
POLARITY
RO/LH
10Mb Polarity Status:
This bit is a duplication of bit 12 in the PHYSTS register. Both bits will be cleared
upon a read of 10BTSCR register, but not upon a read of the PHYSTS register.
1 = Inverted Polarity detected.
0 = Correct Polarity detected.
3
RESERVED
0, RW
RESERVED: Must be zero.
2
RESERVED
1, RW
RESERVED: Must be set to one.
1
HEARTBEAT_DIS
0, RW
Heartbeat Disable: This bit only has influence in half-duplex 10Mb mode.
1 = Heartbeat function disabled.
0 = Heartbeat function enabled.
When the device is operating at 100Mb or configured for full duplex
operation, this bit will be ignored - the heartbeat function is disabled.
0
JABBER_DIS
0, RW
Jabber Disable:
Applicable only in 10BASE-T.
1 = Jabber function disabled.
0 = Jabber function enabled.
90
Register Block
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com