công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 84 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 84 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 80Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 81Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 82Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 83Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 84Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 85Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 86Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 87Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
10.1.13
Page Select Register (PAGESEL)
This register is used to enable access to the Link Diagnostics Registers.
Table 10-15. Page Select Register (PAGESEL), address 13h
Bit
Bit Name
Default
Description
15:2
RESERVED
0, RO
RESERVED: Writes ignored, read as 0
1:0
PAGE_SEL
0, RW
Page_Sel Bit:
Selects between paged registers for address 14h to 1Fh.
0 = Extended Registers Page 0
1 = RESERVED
2 = Link Diagnostics Registers Page 2
10.2 EXTENDED REGISTERS - PAGE 0
10.2.1
False Carrier Sense Counter Register (FCSCR)
This counter provides information required to implement the “False Carriers” attribute within the MAU
managed object class of Clause 30 of the IEEE 802.3u specification.
Table 10-16. False Carrier Sense Counter Register (FCSCR), address 14h
Bit
Bit Name
Default
Description
15:8
RESERVED
0, RO
RESERVED: Writes ignored, read as 0
7:0
FCSCNT[7:0]
0, RO/COR
False Carrier Event Counter:
This 8-bit counter increments on every false carrier event. This counter sticks when
it reaches its max count (FFh).
10.2.2
Receiver Error Counter Register (RECR)
This counter provides information required to implement the “Symbol Error During Carrier” attribute within
the PHY managed object class of Clause 30 of the IEEE 802.3u specification.
Table 10-17. Receiver Error Counter Register (RECR), address 15h
Bit
Bit Name
Default
Description
15:8
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
7:0
RXERCNT[7:0]
0, RO/COR
RX_ER Counter:
When a valid carrier is present and there is at least one occurrence of an invalid
data symbol, this 8-bit counter increments for each receive error detected. This
event can increment only once per valid carrier event. If a collision is present, the
attribute will not increment. The counter sticks when it reaches its max count.
84
Register Block
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com