công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 62 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 62 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 58Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 59Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 60Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 61Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 62Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 63Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 64Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 65Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
Table 8-1. 25 MHz Oscillator Specification
Parameter
Min
Typ
Max
Units
Condition
Frequency
25
MHz
Frequency Tolerance
±50
ppm
Operational Temperature
Frequency Stability
±50
ppm
1 year aging
Rise / Fall Time
6
nsec
20% - 80%
Jitter
800(1)
psec
Short term
Jitter
800(1)
psec
Long term
Symmetry
40%
60%
Duty Cycle
(1)
This limit is provided as a guide for component selection and not ensured by production testing. Refer to SNLA091, “PHYTER 100
Base-TX Reference Clock Jitter Tolerance, “ for details on jetter performance.
Table 8-2. 50 MHz Oscillator Specification
Parameter
Min
Typ
Max
Units
Condition
Frequency
50
MHz
Frequency Tolerance
±50
ppm
Operational Temperature
Frequency Stability
±50
ppm
Operational Temperature
Rise / Fall Time
6
nsec
20% - 80%
Jitter
800(1)
psec
Short term
Jitter
800(1)
psec
Long term
Symmetry
40%
60%
Duty Cycle
(1)
This limit is provided as a guide for component selection and not ensured by production testing. Refer to SNLA091, “PHYTER 100
Base-TX Reference Clock Jitter Tolerance, “ for details on jetter performance.
Table 8-3. 25 MHz Crystal Specification
Parameter
Min
Typ
Max
Units
Condition
Frequency
25
MHz
Frequency Tolerance
±50
ppm
Operational Temperature
Frequency Stability
±50
ppm
1 year aging
Load Capacitance
25
40
pF
62
Design Guidelines
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com