công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 87 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 87 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 83Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 84Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 85Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 86Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 87Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 88Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 89Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 90Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
Table 10-19. RMII and Bypass Register (RBR), addresses 17h (continued)
Bit
Bit Name
Default
Description
4
RMII_REV1_0
0, RW
Reduced MII Revision 1.0:
0 = (RMII revision 1.2) CRS_DV will toggle at the end of a packet to indicate
deassertion of CRS.
1 = (RMII revision 1.0) CRS_DV will remain asserted until final data is transferred.
CRS_DV will not toggle at the end of a packet.
3
RX_OVF_STS
0, RO/COR
RX FIFO Over Flow Status:
0 = Normal.
1 = Overflow detected.
2
RX_UNF_STS
0, RO/COR
RX FIFO Under Flow Status:
0 = Normal.
1 = Underflow detected.
1:0
ELAST_BUF[1:0]
01, RW
Receive Elasticity Buffer:
This field controls the Receive Elasticity Buffer which allows for frequency variation
tolerance between the 50 MHz RMII clock and the recovered data. See Section 6.2
for more information on Elasticity Buffer settings in RMII mode. See Section 6.4 for
more information on Elasticity Buffer settings in SCMII mode.
10.2.5
LED Direct Control Register (LEDCR)
This register provides the ability to directly control any or all LED outputs. It does not provide read access
to LEDs. In addition, it provides control for the Activity source and blinking LED frequency.
Table 10-20. LED Direct Control Register (LEDCR), address 18h
Bit
Bit Name
Default
Description
15:9
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
8
LEDACT_RX
0, RW
1 = Activity is only indicated for Receive traffic
0 = Activity is indicated for Transmit or Receive traffic
7:6
BLINK_FREQ
00, RW
LED Blink Frequency:
These bits control the blink frequency of the LED_LINK output when blinking on
activity is enabled.
0 = 6Hz
1 = 12Hz
2 = 24Hz
3 = 48Hz
5
DRV_SPDLED
0, RW
1 = Drive value of SPDLED bit onto LED_SPEED output
0 = Normal operation
4
DRV_LNKLED
0, RW
1 = Drive value of LNKLED bit onto LED_LINK output
0 = Normal operation
3
DRV_ACTLED
0, RW
1 = Drive value of ACTLED bit onto LED_ACT/LED_COL output
0 = Normal operation
2
SPDLED
0, RW
Value to force on LED_SPEED output
1
LNKLED
0, RW
Value to force on LED_LINK output
0
ACTLED
0, RW
Value to force on LED_ACT/LED_COL output
Copyright © 2009–2013, Texas Instruments Incorporated
Register Block
87
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com