công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB.A bảng dữ liệu(PDF) 59 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A bảng dữ liệu(HTML) 59 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 55Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 56Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 57Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 58Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 59Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 60Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 61Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 62Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
4B/5B DECODER
DESCRAMBLER
RX_CLK
RXD[3:0] / RX_ER
CODE GROUP
ALIGNMENT
SERIAL TO
PARALLEL
RX_DV/CRS
RD +/-
DIGITAL
SIGNAL
PROCESSOR
ANALOG
FRONT
END
SIGNAL
DETECT
MLT-3 TO BINARY
DECODER
NRZI TO NRZ
DECODER
LINK
INTEGRITY
MONITOR
RX_DATA VALID
SSD DETECT
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
8
Design Guidelines
8.1
TPI NETWORK CIRCUIT
Figure 8-1 shows the recommended circuit for a 10/100 Mb/s twisted pair interface.
Below is a partial list of recommended transformers. It is important that the user realize that variations with
PCB and component characteristics requires that the application be tested to ensure that the circuit meets
the requirements of the intended application.
Pulse H1102
Pulse H2019
Belfuse S558-5999-U7
Halo TG110-S050N2RL
Figure 8-1. 10/100 Mb/s Twisted Pair Interface
Copyright © 2009–2013, Texas Instruments Incorporated
Design Guidelines
59
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com