công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 93 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 93 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 89Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 90Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 91Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 92Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 93Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 94Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 95Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 96Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
10.3 LINK DIAGNOSTICS REGISTERS - PAGE 2
Page 2 Link Diagnostics Registers are accessible by setting bits [1:0] = 10 of PAGESEL (13h).
10.3.1
100Mb Length Detect Register (LEN100_DET), Page 2, address 14h
This register contains linked cable length estimation in 100Mb operation. The cable length is an estimation
of the effective cable length based on the characteristics of the recovered signal. The cable length is valid
only during 100Mb operation with a valid Link status indication.
Table 10-26. 100Mb Length Detect Register (LEN100_DET), address 14h
Bit
Bit Name
Default
Description
15:8
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
7:0
CABLE_LEN
0, RO
Cable Length Estimate:
Indicates an estimate of effective cable length in meters. A value of FF
indicates cable length cannot be determined.
10.3.2
100Mb Frequency Offset Indication Register (FREQ100), Page 2, address 15h
This register returns an indication of clock frequency offset relative to the link partner. Two values can be
read, the long term Frequency Offset, or a short term Frequency Control value. The Frequency Control
value includes short term phase correction. The variance between the Frequency Control value and the
Frequency Offset can be used as an indication of the amount of jitter in the system.
Table 10-27. 100Mb Frequency Offset Indication Register (FREQ100), address 15h
Bit
Bit Name
Default
Description
15
SAMPLE_FREQ
0, RW
Sample Frequency Offset:
If Sel_FC is set to a 0, then setting this bit to a 1 will poll the DSP for
the long-term Frequency Offset value. The value will be available in
the Freq_Offset bits of this register.
If Sel_FC is set to a 1, then setting this bit to a 1 will poll the DSP for
the current Frequency Control value. The value will be available in the
Freq_Offset bits of this register.
This register bit will always read back as 0.
14:9
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
8
SEL_FC
0, RW
Select Frequency Control:
Setting this bit to a 1 will select the current Frequency Control value
instead of the Frequency Offset. This value contains Frequency Offset
plus the short term phase correction and can be used to indicate
amount of jitter in the system. The value will be available in the
Freq_Offset bits of this register.
7:0
FREQ_OFFSET
0, RO
Frequency Offset:
Frequency offset value loaded from the DSP following assertion of the
Sample_Freq control bit. The Frequency Offset or Frequency Control
value is a twos-complement signed value in units of approximately
5.1562ppm. The range is as follows:
0x7F = +655ppm
0x00 = 0ppm
0x80 = -660ppm
Copyright © 2009–2013, Texas Instruments Incorporated
Register Block
93
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com