công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 44 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 40Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 41Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 42Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 43Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 44Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 45Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 46Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 47Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
6.5.3
Common Flexible MII Port Configurations
Table 6-7. Common Flexible MII Port Configurations
Channel A
Channel B
Mode
Description
RBR[12:9]
RBR[12:9]
Normal
0000
0000
MII port A assigned to Channel A,
MII Port B assigned to Channel B
Full Port Swap
0101
0101
MII port A assigned to Channel B,
MII Port B assigned to Channel A
Extender/Media Converter
1110
1110
MII RX disabled, Channel A transmits from Channel B RX data,
Channel B transmits from Channel A RX data
Broadcast TX MII Port A
xx00
xx01
Both Channels transmit from TX MII Port A
Broadcast TX MII Port B
xx01
xx00
Both Channels transmit from TX MII Port B
Mirror RX Channel A
10xx
11xx
Channel A RX traffic appears on both Ports
Mirror RX Channel B
11xx
10xx
Channel B RX traffic appears on both Ports
Disable Port A
1111
xxxx
MII Port A is disabled
Disable Port B
xxxx
1111
MII Port B is disabled
6.5.4
Strapped Extender or Media Converter Mode
The DP83849IF provides a simple strap option to automatically configure both channels for Extender or
Media Converter Mode with no device register configuration necessary. The EXTENDER_EN Strap can
be used in conjunction with the Auto-Negotiation Straps (AN_EN, AN0, AN1), the RMII Mode Strap, and
the Fiber Mode (FX_EN) Strap to allow many possible configurations. If Extender Mode is strapped but
RMII Mode is not, both channels will automatically be configured for Single Clock MII Receive and
Transmit Modes. The optional use of RMII Mode in conjunction with Extender Mode allows flexibility in the
system design.
Several common configurations are shown in Table 6-8.
Table 6-8. Common Strapped Extender/Media Converter Mode Configurations
Mode
Auto-Negotiation Straps
Fiber Mode Straps
100Mb Copper Extender
Both channels are forced to 100Mb Full Duplex
Disabled for both channels
100Mb Fiber Extender
N/A
Enabled for both channels
10Mb Copper Extender
Both channels are forced to 10Mb Full Duplex
Disabled for both channels
100Mb Media Converter
One channel is forced to 100Mb Full Duplex
Enabled for the other channel
6.5.5
Notes and Restrictions
•
Extender/Media Converter: Both channels must be operating at the same speed (10 or 100Mb). This
can be accomplished using straps or channel register controls. Both channels must be in Full Duplex
mode. Both channels must either be in RMII Mode (RBR:RMII_EN = 1) or full Single Clock MII Mode
(RBR:SCMII_RX = 1 and RBR:SCMII_TX = 1) to ensure synchronous operation. If only one RX to TX
path is enabled, SCMII_RX in the RX channel (RBR register 17h bit 7) and SCMII_TX in the TX
channel (RBR register 17h bit 6) must be set to 1. Media Conversion is only supported in 100Mb
mode; one channel must be in Fiber Mode (100Base-FX) and the other channel must be in Copper
Mode (100Base-TX).
•
Broadcast TX MII Port Mode: To ensure synchronous operation, both channels must be in RMII
Mode (RBR register 17h bit 5 = 1) or in Single Clock TX MII Mode (RBR register 17h bit 6 = 1). Both
channels must be operating at the same speed (10 or 100Mb). Both channels must be in Full Duplex
mode to ensure no collisions are seen. This is because in Single Clock TX MII Mode, a collision on
one PHY channel would cause both channels to send the Jam pattern.
44
MAC Interface
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com