công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 76 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 76 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 72Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 73Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 74Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 75Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 76Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 77Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 78Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 79Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
The PHY Identifier Registers #1 and #2 together form a unique identifier for the DP83849IF. The Identifier
consists of a concatenation of the Organizationally Unique Identifier (OUI), the vendor's model number
and the model revision number. A PHY may return a value of zero in each of the 32 bits of the PHY
Identifier if desired. The PHY Identifier is intended to support network management. TI's IEEE assigned
OUI is 080017h.
10.1.3
PHY Identifier Register #1 (PHYIDR1)
Table 10-5. PHY Identifier Register #1 (PHYIDR1), address 02h
Bit
Bit Name
Default
Description
15:0
OUI_MSB
<0010 0000 0000
OUI Most Significant Bits: Bits 3 to 18 of the OUI (080017h) are stored in bits 15
0000>, RO/P
to 0 of this register. The most significant two bits of the OUI are ignored (the IEEE
standard refers to these as bits 1 and 2).
10.1.4
PHY Identifier Register #2 (PHYIDR2)
Table 10-6. PHY Identifier Register #2 (PHYIDR2), address 03h
Bit
Bit Name
Default
Description
15:10
OUI_LSB
<0101 11>, RO/P
OUI Least Significant Bits:
Bits 19 to 24 of the OUI (080017h) are mapped from bits 15 to 10 of this register
respectively.
9:4
VNDR_MDL
<00 1010>, RO/P
Vendor Model Number:
The six bits of vendor model number are mapped from bits 9 to 4 (most significant bit to
bit 9).
3:0
MDL_REV
<0010>, RO/P
Model Revision Number:
Four bits of the vendor model revision number are mapped from bits 3 to 0 (most
significant bit to bit 3). This field will be incremented for all major device changes.
76
Register Block
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com