công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 35 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 31Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 32Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 33Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 34Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 35Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 36Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 37Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 38Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
2.2 k:
PHYAD1 = 1
PHYAD2 = 0
PHYAD3 = 0
PHYAD4 = 0
VCC
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
The DP83849IF can Auto-Negotiate or parallel detect to a specific technology depending on the receive
signal at the PMD input pair. A valid link can be established for the receiver even when the DP83849IF is
in Isolate mode.
Figure 5-1. PHYAD Strapping Example
5.5
LED INTERFACE
The DP83849IF supports three configurable Light Emitting Diode (LED) pins for each port.
Several functions can be multiplexed onto the three LEDs using three different modes of operation. The
LED operation mode can be selected by writing to the LED_CFG[1:0] register bits in the PHY Control
Register (PHYCR) at address 19h, bits [6:5]. In addition, LED_CFG[0] for each port can be set by a strap
option on the CRS_A and CRS_B pins. LED_CFG[1] is only controllable through register access and
cannot be set by as strap pin.
See Table 5-3 for LED Mode selection.
Table 5-3. LED Mode Selection
Mode
LED_CFG[1]
LED_CFG[0]
LED_LINK
LED_SPEED
LED_ACT/LED_COL
1
don't care
1
ON for Good Link
ON in 100 Mb/s
ON for Activity
OFF for No Link
OFF in 10 Mb/s
OFF for No Activity
2
0
0
ON for Good Link
ON in 100 Mb/s
ON for Collision
BLINK for Activity
OFF in 10 Mb/s
OFF for No Collision
3
1
0
ON for Good Link
ON in 100 Mb/s
ON for Full Duplex
BLINK for Activity
OFF in 10 Mb/s
OFF for Half Duplex
The LED_LINK pin in Mode 1 indicates the link status of the port. In 100BASE-T mode, link is established
as a result of input receive amplitude compliant with the TP-PMD specifications which will result in internal
generation of signal detect. A 10 Mb/s Link is established as a result of the reception of at least seven
consecutive normal Link Pulses or the reception of a valid 10BASE-T packet. This will cause the assertion
of LED_LINK. LED_LINK will deassert in accordance with the Link Loss Timer as specified in the IEEE
802.3 specification.
The LED_LINK pin in Mode 1 will be OFF when no LINK is present.
The LED_LINK pin in Mode 2 and Mode 3 will be ON to indicate Link is good and BLINK to indicate
activity is present on activity. The BLINK frequency is defined in BLINK_FREQ, bits [7:6] of register
LEDCR (18h).
Copyright © 2009–2013, Texas Instruments Incorporated
Configuration
35
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com