công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 42Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 43Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 44Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 45Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 46Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 47Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 48Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 49Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
z
z
z
z
Register Data
TA
Idle
Register Address
(00h = BCMR)
PHY Address
(PHY AD = 0Ch)
Opcode
(Write)
Start
Idle
MDC
MDIO
(STA)
0
1
0
1
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
z
z
z
z
z
z
Register Data
TA
Idle
Register Address
(00h = BCMR)
PHY Address
(PHY AD = 0Ch)
Opcode
(Read)
Start
Idle
MDC
MDIO
MDIO
(STA)
(PHY)
z
0
1
1
0
0
1
1
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
1
0
0
0
0
0
0
0
0
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
In addition, the MDIO pin requires a pull-up resistor (1.5 k
Ω) which, during IDLE and turnaround, will pull
MDIO high. In order to initialize the MDIO interface, the station management entity sends a sequence of
32 contiguous logic ones on MDIO to provide the DP83849IF with a sequence that can be used to
establish synchronization. This preamble may be generated either by driving MDIO high for 32
consecutive MDC clock cycles, or by simply allowing the MDIO pull-up resistor to pull the MDIO pin high
during which time 32 MDC clock cycles are provided. In addition 32 MDC clock cycles should be used to
re-sync the device if an invalid start, opcode, or turnaround bit is detected.
The DP83849IF waits until it has received this preamble sequence before responding to any other
transaction. Once the DP83849IF serial management port has been initialized no further preamble
sequencing is required until after a power-on/reset, invalid Start, invalid Opcode, or invalid turnaround bit
has occurred.
The Start code is indicated by a <01> pattern. This assures the MDIO line transitions from the default idle
line state.
Turnaround is defined as an idle bit time inserted between the Register Address field and the Data field.
To avoid contention during a read transaction, no device shall actively drive the MDIO signal during the
first bit of Turnaround. The addressed DP83849IF drives the MDIO with a zero for the second bit of
turnaround and follows this with the required data. Figure 6-2 shows the timing relationship between MDC
and the MDIO as driven/received by the Station (STA) and the DP83849IF (PHY) for a typical register
read access.
For write transactions, the station management entity writes data to the addressed DP83849IF thus
eliminating the requirement for MDIO Turnaround. The Turnaround time is filled by the management entity
by inserting <10>. Figure 6-3 shows the timing relationship for a typical MII register write access.
Figure 6-2. Typical MDC/MDIO Read Operation
Figure 6-3. Typical MDC/MDIO Write Operation
6.6.3
Serial Management Preamble Suppression
The DP83849IF supports a Preamble Suppression mode as indicated by a one in bit 6 of the Basic Mode
Status Register (BMSR, address 01h.) If the station management entity (i.e. MAC or other management
controller) determines that all PHYs in the system support Preamble Suppression by returning a one in
this bit, then the station management entity need not generate preamble for each management
transaction.
46
MAC Interface
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com