công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 25Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 26Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 27Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 28Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 29Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 30Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 31Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 32Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
Data
IDLE
Data
(J/K)
(TR)
T2.29.4
T2.29.1
T2.29.5
T2.29.3
T2.29.2
T2.29.2
PMD Input
Pair
X1
CRS
RX_DV
RXD[1:0]
RX_ER
Symbol
T2.28.1
T2.28.3
T2.28.2
T2.28.4
X1
TXD[3:0]
TX_EN
PMD Output
Pair
Valid data
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
4.32 AC Specifications — Single Clock MII (SCMII) Transmit Timing
(1)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.28.1
X1 Clock Period
25 MHz Reference Clock
40
ns
T2.28.2
TXD[3:0], TX_EN Data Setup
To X1 rising
4
ns
T2.28.3
TXD[3:0], TX_EN Data Hold
From X1 rising
2
ns
T2.28.4
X1 Clock to PMD Output Pair
100BASE-TX or 100BASE-FX
13
bits
Latency (100Mb)
(1)
Latency measurement is made from the X1 Rising edge to the first bit of symbol.
4.33 AC Specifications — Single Clock MII (SCMII) Receive Timing
(1) (2) (3)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.29.1
X1 Clock Period
25 MHz Reference Clock
40
ns
T2.29.2
RXD[3:0], RX_DV and RX_ER output delay
From X1 rising
2
18
ns
T2.29.3
CRS ON delay (100Mb)(4)
100BASE-TX mode
19
bits
100BASE-FX mode
9
T2.29.4
CRS OFF delay (100Mb)(5)
100BASE-TX mode
26
bits
100BASE-FX mode
16
T2.29.5
RXD[1:0] and RX_ER latency (100Mb)
100BASE-TX mode
56
bits
100BASE-FX mode
46
(1)
CRS is asserted and deasserted asynchronously relative to the reference clock.
(2)
Output delays assume a 25pF load.
(3)
Receive Latency is measured from the first bit of the symbol pair on the PMD Receive Pair. Typical values are with the Elasticity Buffer
set to the default value (01).
(4)
CRS ON delay is measured from the first bit of the JK symbol on the PMD Receive Pair to assertion of CRS_DV.
(5)
CRS_OFF delay is measured from the first bit of the TR symbol on the PMD Receive Pair to deassertion of CRS_DV.
Copyright © 2009–2013, Texas Instruments Incorporated
Electrical Specifications
29
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com