công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 74 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 74 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 70Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 71Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 72Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 73Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 74Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 75Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 76Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 77Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
10.1.1
Basic Mode Control Register (BMCR)
Table 10-3. Basic Mode Control Register (BMCR), Address 00h
Bit
Bit Name
Default
Description
15
RESET
0, RW/SC
Reset:
1 = Initiate software Reset / Reset in Process.
0 = Normal operation.
This bit, which is self-clearing, returns a value of one until the reset process is complete. The
configuration is re-strapped.
14
LOOPBACK
0, RW
Loopback:
1 = Loopback enabled.
0 = Normal operation.
The loopback function enables MII transmit data to be routed to the MII receive data path.
Setting this bit may cause the descrambler to lose synchronization and produce a 500 µs “dead
time” before any valid data will appear at the MII receive outputs.
13
SPEED
Strap, RW
Speed Select:
SELECTION
When auto-negotiation is disabled writing to this bit allows the port speed to be selected.
1 = 100 Mb/s.
0 = 10 Mb/s.
12
AUTO-
Strap, RW
Auto-Negotiation Enable:
NEGOTIATION
Strap controls initial value at reset.
ENABLE
If FX is enabled (FX_EN = 1), then this bit will be reset to 0.
1 = Auto-Negotiation Enabled - bits 8 and 13 of this register are ignored when this bit is set.
0 = Auto-Negotiation Disabled - bits 8 and 13 determine the port speed and duplex mode.
11
POWER DOWN
0, RW
Power Down:
1 = Power down.
0 = Normal operation.
Setting this bit powers down the PHY. Only the register block is enabled during a power down
condition. This bit is ORd with the input from the PWRDOWN_INT pin. When the active low
PWRDOWN_INT pin is asserted, this bit will be set.
10
ISOLATE
0, RW
Isolate:
1 = Isolates the Port from the MII with the exception of the serial management.
0 = Normal operation.
9
RESTART
0, RW/SC
Restart Auto-Negotiation:
AUTO-
1 = Restart Auto-Negotiation. Re-initiates the Auto-Negotiation process. If Auto-Negotiation is
NEGOTIATION
disabled (bit 12 = 0), this bit is ignored. This bit is self-clearing and will return a value of 1 until
Auto-Negotiation is initiated, whereupon it will self-clear. Operation of the Auto-Negotiation
process is not affected by the management entity clearing this bit.
0 = Normal operation.
8
DUPLEX MODE
Strap, RW
Duplex Mode:
When auto-negotiation is disabled writing to this bit allows the port Duplex capability to be
selected.
1 = Full Duplex operation.
0 = Half Duplex operation.
7
COLLISION
0, RW
Collision Test:
TEST
1 = Collision test enabled.
0 = Normal operation.
When set, this bit will cause the COL signal to be asserted in response to the assertion of TX_EN
within 512-bit times. The COL signal will be de-asserted within 4-bit times in response to the de-
assertion of TX_EN.
6:0
RESERVED
0, RO
RESERVED: Write ignored, read as 0.
74
Register Block
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com