công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 10Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 11Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 12Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 13Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 14Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 15Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 16Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 17Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
4
Electrical Specifications
4.1
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
-0.5 V to 4.2 V
DC Input Voltage (VIN)
-0.5V to VCC + 0.5V
DC Output Voltage (VOUT)
-0.5V to VCC + 0.5V
Maximum Temperature for TA = 85 °C
108 °C
Maximum Die Temperature (Tj)
150 °C
Storage Temperature (TSTG )
-65°C to 150°C
Lead Temp. (TL) (Soldering, 10 sec.)
260 °C
ESD Rating (RZAP = 1.5k, CZAP = 100 pF)
4.0 kV
(1)
Absolute maximum ratings are those values beyond which the safety of the device cannot be specified. They are not meant to imply that
the device should be operated at these limits.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
4.2
Recommended Operating Conditions
Supply voltage (VCC)
3.3 Volts ± 0.3V
Industrial - Ambient Temperature (TA)
-40 to 85°C
Power Dissipation (PD)
594 mW
4.3
AC and DC Specifications
Thermal Characteristic
Max
Units
Theta Junction to Case (Tjc)
17.3
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0 W
53
°C / W
14
Electrical Specifications
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com