công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 48 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 44Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 45Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 46Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 47Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 48Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 49Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 50Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 51Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
PMD OUTPUT PAIR
MUX
SCRAMBLER
MLT[1:0]
TX_CLK
TXD[3:0]/
TX_EN
DIVIDE
BY 5
4B5BCODE-
GROUP
ENCODER and
5B PARALLEL
TO SERIAL
BP_SCF
125 MHz CLOCK
100BASE-TX
LOOPBACK
NRZ TO NRZI
ENCODER
BINARY
TO MLT-3/
COMMON
DRIVER
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
7
Architecture
This section describes the operations within each transceiver module, 100BASE-TX and 10BASE-T. Each
operation consists of several functional blocks and described in the following:
•
100BASE-TX Transmitter
•
100BASE-TX Receiver
•
100BASE-FX Operation
•
10BASE-T Transceiver Module
7.1
100BASE-TX TRANSMITTER
The 100BASE-TX transmitter consists of several functional blocks which convert synchronous 4-bit nibble
data, as provided by the MII, to a scrambled MLT-3 125 Mb/s serial data stream. Because the 100BASE-
TX TP-PMD is integrated, the differential output pins, PMD Output Pair, can be directly routed to the
magnetics.
The block diagram in Figure 7-1. provides an overview of each functional block within the 100BASE-TX
transmit section.
The Transmitter section consists of the following functional blocks:
•
Code-group Encoder and Injection block
•
Scrambler block (bypass option)
•
NRZ to NRZI encoder block
•
Binary to MLT-3 converter / Common Driver
The bypass option for the functional blocks within the 100BASE-TX transmitter provides flexibility for
applications where data conversion is not always required. The DP83849IF implements the 100BASE-TX
transmit state machine diagram as specified in the IEEE 802.3u Standard, Clause 24.
Figure 7-1. 100BASE-TX Transmit Block Diagram
48
Architecture
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com