công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849IFVS/NOPB bảng dữ liệu(PDF) 66 Page - Texas Instruments

tên linh kiện DP83849IFVS/NOPB
Giải thích chi tiết về linh kiện  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB bảng dữ liệu(HTML) 66 Page - Texas Instruments

Back Button DP83849IFVS/NOPB Datasheet HTML 62Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 63Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 64Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 65Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 66Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 67Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 68Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 69Page - Texas Instruments DP83849IFVS/NOPB Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
To allow the Link Quality Monitor to interrupt the system, the Interrupt must be enabled through the
interrupt control registers, MICR (11h) and MISR (12h).
8.8.2.2
Checking Current Parameter Values
Prior to setting Threshold values, it is recommended that software check current adapted values. The
thresholds may then be set relative to the adapted values. The current adapted values can be read using
the LQDR register by setting the Sample_Param bit [13] of LQDR, address (1Eh).
For example, to read the DBLW current value:
1. Write 2400h to LQDR (1Eh) to set the Sample_Param bit and set the LQ_PARAM_SEL[2:0] to 010.
2. Read LQDR (1Eh). Current DBLW value is returned in the low 8 bits.
8.8.2.3
Threshold Control
The LQDR (1Eh) register also provides a method of programming high and low thresholds for each of the
four parameters that can be monitored. The register implements an indirect read/write mechanism.
Writes are accomplished by writing data, address, and a write strobe to the register. Reads are
accomplished by writing the address to the register, and reading back the value of the selected threshold.
Setting thresholds to the maximum or minimum values will disable the threshold comparison since values
have to exceed the threshold to generate a warning condition.
Warnings are not generated if the parameter is equal to the threshold. By default, all thresholds are
disabled by setting to the min or max values. The following table shows the four parameters and range of
values:
Table 8-4. Link Quality Monitor Parameter Ranges
Parameter
Minimum Value
Maximum Value
Min (2-s comp)
Max (2-s comp)
DEQ C1
-128
+127
0x80
0x7F
DAGC
0
+255
0x00
0xFF
DBLW
-128
+127
0x80
0x7F
Freq Offset
-128
+127
0x80
0x7F
Freq Control
-128
+127
0x80
0x7F
8.8.3
TDR Cable Diagnostics
The DP83849IF implements a Time Domain Reflectometry (TDR) method of cable length measurement
and evaluation which can be used to evaluate a connected twisted pair cable. The TDR implementation
involves sending a pulse out on either the Transmit or Receive conductor pair and observing the results
on either pair. By observing the types and strength of reflections on each pair, software can determine the
following:
•
Cable short
•
Cable open
•
Distance to fault
•
Identify which pair has a fault
•
Pair skew
The TDR cable diagnostics works best in certain conditions. For example, an unterminated cable provides
a good reflection for measuring cable length, while a cable with an ideal termination to an unpowered
partner may provide no reflection at all.
66
Design Guidelines
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com