công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDSNFAQ bảng dữ liệu(PDF) 24 Page - Cypress Semiconductor

tên linh kiện S25FL128SDSNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDSNFAQ bảng dữ liệu(HTML) 24 Page - Cypress Semiconductor

Back Button S25FL128SDSNFAQ Datasheet HTML 20Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 21Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 22Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 23Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 24Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 25Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 26Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 27Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 23 of 148
S25FL128S/S25FL256S
4.
Electrical Specifications
4.1
Absolute Maximum Ratings
Notes:
1. VIO must always be less than or equal VCC + 200 mV.
2. See Section 4.3.3 Input Signal Overshoot on page 24 for allowed maximums during signal transition.
3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
4. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum
rating conditions for extended periods may affect device reliability.
4.2
Thermal Resistance
4.3
Operating Ranges
Operating ranges define those limits between which the functionality of the device is guaranteed.
4.3.1
Power Supply Voltages
Some package options provide access to a separate input and output buffer power supply called VIO. Packages which do not
provide the separate VIO connection, internally connect the device VIO to VCC. For these packages the references to VIO are then
also references to VCC.
Table 4. Absolute Maximum Ratings
Storage Temperature Plastic Packages
–65°C to +150°C
Ambient Temperature with Power Applied
–65°C to +125°C
VCC
–0.5V to +4.0V
VIO (Note 1)
–0.5V to +4.0V
Input voltage with respect to Ground (VSS) (Note 2)
–0.5V to +(VIO + 0.5V)
Output Short Circuit Current (Note 3)
100 mA
Table 5. Thermal Resistance
Parameter
Description
WNG008
SO316
FAB024
FAC024
Unit
Theta JA
Thermal resistance
(junction to ambient)
28
38
36
36.5
°C/W
VCC
2.7V to 3.6V
VIO
1.65V to VCC +200 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com