công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDSNFAQ bảng dữ liệu(PDF) 83 Page - Cypress Semiconductor

tên linh kiện S25FL128SDSNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDSNFAQ bảng dữ liệu(HTML) 83 Page - Cypress Semiconductor

Back Button S25FL128SDSNFAQ Datasheet HTML 79Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 80Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 81Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 82Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 83Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 84Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 85Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 86Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 82 of 148
S25FL128S/S25FL256S
9.3.14 AutoBoot Register Write (ABWR 15h)
Before the ABWR command can be accepted, a Write Enable (WREN) command must be issued and decoded by the device, which
sets the Write Enable Latch (WEL) in the Status Register to enable any write operations.
The ABWR command is entered by shifting the instruction and the data bytes on SI, least significant byte first, most significant bit of
each byte first. The ABWR data is 32 bits in length.
The ABWR command has status reported in Status Register-1 as both an erase and a programming operation. An E_ERR or a
P_ERR may be set depending on whether the erase or programming phase of updating the register fails.
CS# must be driven to the logic high state after the 32nd bit of data has been latched. If not, the ABWR command is not executed.
As soon as CS# is driven to the logic high state, the self-timed ABWR operation is initiated. While the ABWR operation is in
progress, Status Register-1 may be read to check the value of the Write-In Progress (WIP) bit. The Write-In Progress (WIP) bit is a
1 during the self-timed ABWR operation, and is a 0. when it is completed. When the ABWR cycle is completed, the Write Enable
Latch (WEL) is set to a 0. The maximum clock frequency for the ABWR command is 133 MHz.
Figure 58. AutoBoot Register Write (ABWR) Command
9.3.15 Program NVDLR (PNVDLR 43h)
Before the Program NVDLR (PNVDLR) command can be accepted by the device, a Write Enable (WREN) command must be
issued and decoded by the device. After the Write Enable (WREN) command has been decoded successfully, the device will set the
Write Enable Latch (WEL) to enable the PNVDLR operation.
The PNVDLR command is entered by shifting the instruction and the data byte on SI.
CS# must be driven to the logic high state after the eighth (8th) bit of data has been latched. If not, the PNVDLR command is not
executed. As soon as CS# is driven to the logic high state, the self-timed PNVDLR operation is initiated. While the PNVDLR
operation is in progress, the Status Register may be read to check the value of the Write-In Progress (WIP) bit. The Write-In
Progress (WIP) bit is a 1 during the self-timed PNVDLR cycle, and is a 0. when it is completed. The PNVDLR operation can report a
program error in the P_ERR bit of the status register. When the PNVDLR operation is completed, the Write Enable Latch (WEL) is
set to a 0 The maximum clock frequency for the PNVDLR command is 133 MHz.
Figure 59. Program NVDLR (PNVDLR) Command Sequence
Instruction
AutoBoot Register
1
3
210
9
8
7
6
5
4
0
38
37
36
39
24
25
7
6
5
27
26
SCK
SI
SO
MSB
High Impedance
CS#
0
1
7
6
5
4
3
2
MSB
IIn stru ctio n
D a ta L e a rn in g P a tte rn
1
3
2
1 0
9
8
7
6
5
4
0
1 4
1 3
1 2
1 5
0
1
7
6
5
3
2
S C K
S I
S O
M S B
H ig h Im p e d a n ce
C S
0
1
7
6
5
4
3
2
M S B
4
1 1
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com