công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDSNFAQ bảng dữ liệu(PDF) 59 Page - Cypress Semiconductor

tên linh kiện S25FL128SDSNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDSNFAQ bảng dữ liệu(HTML) 59 Page - Cypress Semiconductor

Back Button S25FL128SDSNFAQ Datasheet HTML 55Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 56Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 57Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 58Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 59Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 60Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 61Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 62Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 58 of 148
S25FL128S/S25FL256S
8.
Data Protection
8.1
Secure Silicon Region (OTP)
The device has a 1024-byte One Time Program (OTP) address space that is separate from the main flash array. The OTP area is
divided into 32, individually lockable, 32-byte aligned and length regions.
The OTP memory space is intended for increased system security. OTP values can “mate” a flash component with the system CPU/
ASIC to prevent device substitution. See Section 7.4 OTP Address Space on page 46, Section 9.7 One Time Program Array
Commands on page 111, and Section 9.7.2 OTP Read (OTPR 4Bh) on page 112.
8.1.1
Reading OTP Memory Space
The OTP Read command uses the same protocol as Fast Read. OTP Read operations outside the valid 1-kB OTP address range
will yield indeterminate data.
8.1.2
Programming OTP Memory Space
The protocol of the OTP programming command is the same as Page Program. The OTP Program command can be issued multiple
times to any given OTP address, but this address space can never be erased.
Automatic ECC is programmed on the first programming operation to each 16-byte region. Programming within a 16-byte region
more than once disables the ECC. It is recommended to program each 16-byte portion of each 32-byte region once so that ECC
remains enabled to provide the best data integrity.
The valid address range for OTP Program is depicted in Figure 42 on page 47. OTP Program operations outside the valid OTP
address range will be ignored and the WEL in SR1 will remain high (set to 1). OTP Program operations while FREEZE = 1 will fail
with P_ERR in SR1 set to 1.
8.1.3
Cypress Programmed Random Number
Cypress standard practice is to program the low order 16 bytes of the OTP memory space (locations 0x0 to 0xF) with a 128-bit
random number using the Linear Congruential Random Number Method. The seed value for the algorithm is a random number
concatenated with the day and time of tester insertion.
8.1.4
Lock Bytes
The LSB of each Lock byte protects the lowest address region related to the byte, the MSB protects the highest address region
related to the byte. The next higher address byte similarly protects the next higher 8 regions. The LSB bit of the lowest address Lock
Byte protects the higher address 16 bytes of the lowest address region. In other words, the LSB of location 0x10 protects all the Lock
Bytes and RFU bytes in the lowest address region from further programming. See Section 7.4 OTP Address Space on page 46.
8.2
Write Enable Command
The Write Enable (WREN) command must be written prior to any command that modifies non-volatile data. The WREN command
sets the Write Enable Latch (WEL) bit. The WEL bit is cleared to 0 (disables writes) during power-up, hardware reset, or after the
device completes the following commands:
–Reset
– Page Program (PP)
– Sector Erase (SE)
– Bulk Erase (BE)
– Write Disable (WRDI)
– Write Registers (WRR)
– Quad-input Page Programming (QPP)
– OTP Byte Programming (OTPP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com