| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S25FL128SDSNFAQ bảng dữ liệu(PDF) 70 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S25FL128SDSNFAQ bảng dữ liệu(HTML) 70 Page - Cypress Semiconductor |
|
70 / 149 page ![]() Document Number: 001-98283 Rev. *M Page 69 of 148 S25FL128S/S25FL256S 9.1.2 Read Device Identification There are multiple commands to read information about the device manufacturer, device type, and device features. SPI memories from different vendors have used different commands and formats for reading information about the memories. The S25FL128S and S25FL256S devices support the three most common device information commands. 9.1.3 Register Read or Write There are multiple registers for reporting embedded operation status or controlling device configuration options. There are commands for reading or writing these registers. Registers contain both volatile and non-volatile bits. Non-volatile bits in registers are automatically erased and programmed as a single (write) operation. 9.1.3.1 Monitoring Operation Status The host system can determine when a write, program, erase, suspend or other embedded operation is complete by monitoring the Write in Progress (WIP) bit in the Status Register. The Read from Status Register-1 command provides the state of the WIP bit. The program error (P_ERR) and erase error (E_ERR) bits in the status register indicate whether the most recent program or erase command has not completed successfully. When P_ERR or E_ERR bits are set to one, the WIP bit will remain set to one indicating the device remains busy. Under this condition, only the CLSR, WRDI, RDSR1, RDSR2, and software RESET commands are valid commands. A Clear Status Register (CLSR) followed by a Write Disable (WRDI) command must be sent to return the device to standby state. CLSR clears the WIP, P_ERR, and E_ERR bits. WRDI clears the WEL bit. Alternatively, Hardware Reset, or Software Reset (RESET) may be used to return the device to standby state. Advanced Sector Protection DYBRD DYB Read E0 133 DYBWR DYB Write E1 133 PPBRD PPB Read E2 133 PPBP PPB Program E3 133 PPBE PPB Erase E4 133 ASPRD ASP Read 2B 133 ASPP ASP Program 2F 133 PLBRD PPB Lock Bit Read A7 133 PLBWR PPB Lock Bit Write A6 133 PASSRD Password Read E7 133 PASSP Password Program E8 133 PASSU Password Unlock E9 133 Reset RESET Software Reset F0 133 MBR Mode Bit Reset FF 133 Reserved for Future Use MPM Reserved for Multi-I/O-High Perf Mode (MPM) A3 133 RFU Reserved-18 Reserved 18 RFU Reserved-E5 Reserved E5 RFU Reserved-E6 Reserved E6 Table 45. S25FL128S and S25FL256S Command Set (sorted by function) (Continued) Function Command Name Command Description Instruction Value (Hex) Maximum Frequency (MHz) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |