công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDSNFAQ bảng dữ liệu(PDF) 12 Page - Cypress Semiconductor

tên linh kiện S25FL128SDSNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDSNFAQ bảng dữ liệu(HTML) 12 Page - Cypress Semiconductor

Back Button S25FL128SDSNFAQ Datasheet HTML 8Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 9Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 10Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 11Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 12Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 13Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 14Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 15Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 11 of 148
S25FL128S/S25FL256S
Figure 1. HOLD Mode Operation
2.10
Core Voltage Supply (VCC)
VCC is the voltage source for all device internal logic. It is the single voltage used for all device internal functions including read,
program, and erase. The voltage may vary from 2.7V to 3.6V.
2.11
Versatile I/O Power Supply (VIO)
The Versatile I/O (VIO) supply is the voltage source for all device input receivers and output drivers and allows the host system to set
the voltage levels that the device tolerates on all inputs and drives on outputs (address, control, and IO signals). The VIO range is
1.65V to VCC. VIO cannot be greater than VCC.
For example, a VIO of 1.65V - 3.6V allows for I/O at the 1.8V, 2.5V or 3V levels, driving and receiving signals to and from other 1.8V,
2.5V or 3V devices on the same data bus. VIO may be tied to VCC so that interface signals operate at the same voltage as the core
of the device. VIO is not available in all package options, when not available the VIO supply is tied to VCC internal to the package.
During the rise of power supplies the VIO supply voltage must remain less than or equal to the VCC supply voltage. This supply is not
available in all package options. For a backward compatible SO16 footprint, the VIO supply is tied to VCC inside the package; thus,
the IO will function at VCC level.
2.12
Supply and Signal Ground (VSS)
VSS is the common voltage drain and ground reference for the device core, input signal receivers, and output drivers.
2.13
Not Connected (NC)
No device internal signal is connected to the package connector nor is there any future plan to use the connector for a signal. The
connection may safely be used for routing space for a signal on a Printed Circuit Board (PCB). However, any signal connected to an
NC must not have voltage levels higher than VIO.
2.14
Reserved for Future Use (RFU)
No device internal signal is currently connected to the package connector but is there potential future use of the connector. It is
recommended to not use RFU connectors for PCB routing channels so that the PCB may take advantage of future enhanced
features in compatible footprint devices.
2.15
Do Not Use (DNU)
A device internal signal may be connected to the package connector. The connection may be used by Cypress for test or other
purposes and is not intended for connection to any host system signal. Any DNU signal related function will be inactive when the
signal is at VIL. The signal has an internal pull-down resistor and may be left unconnected in the host system or may be tied to VSS.
Do not use these connections for PCB signal routing channels. Do not connect any host system signal to these connections.
CS#
SCK
HOLD#
SI_or_IO_(during_input)
SO_or_IO_(internal)
SO_or_IO_(external)
Valid Input
Don't Care
Valid Input
Don't Care
Valid Input
A
B
C
D
E
A
B
B
C
D
E
Hold Condition
Standard Use
Hold Condition
Non-standard Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com