công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDSNFAQ bảng dữ liệu(PDF) 88 Page - Cypress Semiconductor

tên linh kiện S25FL128SDSNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDSNFAQ bảng dữ liệu(HTML) 88 Page - Cypress Semiconductor

Back Button S25FL128SDSNFAQ Datasheet HTML 84Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 85Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 86Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 87Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 88Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 89Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 90Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 91Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 92Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 87 of 148
S25FL128S/S25FL256S
9.4.3
Dual Output Read (DOR 3Bh or 4DOR 3Ch)
The instruction
3Bh (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
3Bh (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
3Ch is followed by a 4-byte address (A31-A0)
Then the memory contents, at the address given, is shifted out two bits at a time through IO0 (SI) and IO1 (SO). Two bits are shifted
out at the SCK frequency by the falling edge of the SCK signal.
The maximum operating clock frequency for the Dual Output Read command is 104 MHz. For Dual Output Read commands, there
are zero or eight dummy cycles required after the last address bit is shifted into SI before data begins shifting out of IO0 and IO1.
This latency period (i.e., dummy cycles) allows the device’s internal circuitry enough time to read from the initial address. During the
dummy cycles, the data value on SI is a “don’t care” and may be high impedance. The number of dummy cycles is determined by the
frequency of SCK (refer to Table 28, Latency Codes for SDR Enhanced High Performance on page 51).
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
Figure 9.11 Dual Output Read Command Sequence (3-byte Address, 3Bh [ExtAdd=0], LC=10b)
Figure 9.12 Dual Output Read Command Sequence (4-byte Address, 3Ch or 3Bh [ExtAdd=1, LC=10b])
Figure 61. Dual Output Read Command Sequence (4-byte Address, 3Ch or 3Bh [ExtAdd=1, LC=11b])
CS#
SCK
IO0
IO1
Phase
7
6
5
4
3
2
1
0
23
22 21
0
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
Instruction
Address
8 Dummy Cycles
Data 1
Data 2
CS#
SCK
IO0
IO1
Phase
7
6
5
4
3
2
1
0
31 30 29
0
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
Instruction
Address
8 Dummy Cycles
Data 1
Data 2
CS#
SCK
IO0
IO1
Phase
7
6
5
4
3
2
1
0
31 30 29
0
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
Instruction
Address
Data 1
Data 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com