công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SDSNFAQ bảng dữ liệu(PDF) 79 Page - Cypress Semiconductor

tên linh kiện S25FL128SDSNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDSNFAQ bảng dữ liệu(HTML) 79 Page - Cypress Semiconductor

Back Button S25FL128SDSNFAQ Datasheet HTML 75Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 76Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 77Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 78Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 79Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 80Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 81Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 82Page - Cypress Semiconductor S25FL128SDSNFAQ Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 78 of 148
S25FL128S/S25FL256S
9.3.8
Write Enable (WREN 06h)
The Write Enable (WREN) command sets the Write Enable Latch (WEL) bit of the Status Register 1 (SR1[1]) to a 1. The Write
Enable Latch (WEL) bit must be set to a 1 by issuing the Write Enable (WREN) command to enable write, program and erase
commands.
CS# must be driven into the logic high state after the eighth bit of the instruction byte has been latched in on SI. Without CS# being
driven to the logic high state after the eighth bit of the instruction byte has been latched in on SI, the write enable operation will not
be executed.
Figure 51. Write Enable (WREN) Command Sequence
9.3.9
Write Disable (WRDI 04h)
The Write Disable (WRDI) command sets the Write Enable Latch (WEL) bit of the Status Register-1 (SR1[1]) to a 0.
The Write Enable Latch (WEL) bit may be set to a 0 by issuing the Write Disable (WRDI) command to disable Page Program (PP),
Sector Erase (SE), Bulk Erase (BE), Write Registers (WRR), OTP Program (OTPP), and other commands, that require WEL be set
to 1 for execution. The WRDI command can be used by the user to protect memory areas against inadvertent writes that can
possibly corrupt the contents of the memory. The WRDI command is ignored during an embedded operation while WIP bit =1.
CS# must be driven into the logic high state after the eighth bit of the instruction byte has been latched in on SI. Without CS# being
driven to the logic high state after the eighth bit of the instruction byte has been latched in on SI, the write disable operation will not
be executed.
Figure 52. Write Disable (WRDI) Command Sequence
3
27
6
5
4
0
Instruction
SCK
SI
1
CS#
3
27
6
5
4
0
Instruction
SCK
SI
1
CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com