công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 186 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 186 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 182Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 183Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 184Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 185Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 186Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 187Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 188Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 189Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 194 page
background image
Page 176
18. Electrical Characteristics
18.2 Recommended Operating Condition
TMP86CS25AFG
18.2 Recommended Operating Condition
The recommended operating conditions for a device are operating conditions under which it can be guaranteed that
the device will operate as specified. If the device is used under operating conditions other than the recommended
operating conditions (supply voltage, operating temperature range, specified AC/DC values etc.), malfunction may
occur. Thus, when designing products which include this device, ensure that the recommended operating conditions
for the device are always adhered to.
Note 1: When the supply voltage is VDD=1.8 to 2.0V, the operating tempreture is Topr= -20 to 85 °C.
(VSS = 0 V, Topr = −40 to 85°C)
Parameter
Symbol
Pins
Condition
Min
Max
Unit
Supply Voltage
VDD
fc = 16 MHz
NORMAL1, 2 mode
4.5
5.5
V
IDLE0, 1, 2 mode
fc = 8 MHz
NORMAL1, 2 mode
2.7
IDLE0, 1, 2 mode
fc = 4.2
MHz
NORMAL1, 2 mode
1.8
(Note1)
IDLE0, 1, 2 mode
fs = 32.768
kHz
SLOW1, 2 mode
SLEEP0, 1, 2 mode
STOP mode
Input High Level
VIH1
Except Hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
VIH3
VDD < 4.5 V
VDD × 0.90
Input Low Level
VIL1
Except Hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
VIL3
VDD < 4.5 V
VDD × 0.10
LCD Reference
Voltage Range
V1IN
V1
LCDCTL1<REFV> = “1”
VDD < V4#1
#1
When LCDCTL1<REFV> is set to “1”, always keep the condition of VDD < V4.
1.0
1.375
V2IN
V2
2.0
2.750
V3IN
V3
3.0
4.125
V4IN
V4
4.0
5.500
V4IN
V4#2
#2
When LCDCTL1<REFV> is set to “0”, always supply the reference voltage from V4 pin.
LCDCTL1<REFV> = “0”
2.7
VDD
Clock Frequency
fc
XIN, XOUT
VDD = 1.8 V to 5.5 V
1.0
4.2
MHz
VDD = 2.7 V to 5.5 V
8.0
VDD = 4.5 V to 5.5 V
16.0
fs
XTIN, XTOUT
30.0
34.0
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com