công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 64 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 64 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 60Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 61Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 194 page
background image
Page 54
5. I/O Ports
5.1 Port P1 (P17 to P10)
TMP86CS25AFG
5.1 Port P1 (P17 to P10)
Port P1 is an 8-bit input/output port which is also used as an external interrupt input, serial interface input/output,
UART input/output and segment output of LCD. When used as a segment pins of LCD, the respective bit of P1LCR
should be set to “1”.
When used as an input port or a secondary function (except for segment) pins, the respective output latch (P1DR)
should be set to “1” and its corresponding P1LCR bit should be set to “0”. When used as an output port, the respec-
tive P1LCR bit should be set to “0”. During reset, the output latch is initialized to “1”.
P1 port output latch (P1DR) and P1 port terminal input (P1PRD) are located on their respective address.
When read the output latch data, the P1DR should be read and when read the terminal input data, the P1PRD reg-
ister should be read.
If the terminal input data which is configured as LCD segment output is read, unstable data is read.
Figure 5-2 Port 1
Note: With ports assigned as MUL6 to MUL0, assigned pins can be switched by the multi function register (MULSEL). The
assigned functions are shown in “5.7 Multi Function Register”.
P1DR
(0001H)
R/W
76
543
21
0
P17
SEG59
SCK0
P16
SEG58
TxD
SO0
P15
SEG57
RxD
SI0
P14
SEG56
MUL6
P13
SEG55
MUL5
P12
SEG54
MUL4
P11
SEG53
P10
SEG52
(Initial value: 1111 1111)
P1LCR
(0029H)
76
543
21
0
(Initial value: 0000 0000)
P1LCR
Port P1/segment output select
(set for each bit individually)
0: P1 input/output port or secondary function (expect for segment)
1: segment output
R/W
P1PRD
(0008H)
Read only
76
543
21
0
P17
P16
P15
P14
P13
P12
P11
P10
Output latch
P1LCRi
Data output (P1DR)
Output latch data (P1DR)
LCD data output
Control input
Terminal input (P1PRD)
STOP
OUTEN
Control output
P1LCRi input
P1i
Note: i = 7 to 0
DQ
DQ
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com