công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 90 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 90 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 86Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 87Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 88Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 89Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 90Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 91Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 92Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 93Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 94Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 194 page
background image
Page 80
8. 18-Bit Timer/Counter (TC1)
8.3 Function
TMP86CS25AFG
8.3.4 Frequency Measurement mode
In this mode, the frequency of ECIN pin input pulse is measured. When using this mode, set
TC1CR1<TC1CK> to the external clock.
The edge of the ECIN input pulse is counted during “H” level of the window gate pulse selected by
TC1CR2<SGP>. To use ECNT input as a window gate pulse, TC1CR2<SGP> should be set to “00”.
An INTTC1 interrupt is generated on the falling edge or both the rising/falling edges of the window gate
pulse, that can be selected by TC1CR2<SGEDG>. In the interrupt service program, read the contents of
TREG1A while the count is stopped (window gate pulse is low), then clear the counter using
TC1CR1<TC1C>. When the counter is not cleared, counting up resumes from previous stopping value.
The window pulse status can be monitored by TC1SR<HECF>.
When up counter is counted up from 3FFFFH to 00000H, an overflow occurs. At that time,
TC1SR<HEOVF> is set to “1”. TC1SR<HEOVF> remains the previous data until the counter is required to be
cleared by TC1CR1<TC1C>.
Using TC6 output (PWM6/PDO6/PPG6) for the window gate pulse, external output of PWM6/PDO6/PPG6 to
MUL3 pin can be controlled using TC1CR2<TC6OUT>. Zero-clearing TC1CR2<TC6OUT> outputs PWM6/
PDO6
/PPG6 to MUL3 pin; setting 1 in TC1CR2<TC6OUT> does not output PWM6/PDO6/PPG6 to MUL3 pin.
(TC1CR2<TC6OUT> is used to control output to MUL3 pin only. Thus, use the timer counter 6 control regis-
ter to operate/stop PWM6/PDO6/PPG6.)
When the internal window gate pulse is selected, the window gate pulse is set as follows.
The internal window gate pulse consists of “H” level period (Ta) that is counting time and “L” level period
(Tb) that is counting stop time. Ta or Tb can be individually set by TREG1B. One cycle contains Ta + Tb.
Note 1: Because the internal window gate pulse is generated in synchronization with the internal divider, it may be
delayed for a maximum of one cycle of the source clock (WGPSCK) immediately after start of the timer.
Note 2: Set the internal window gate pulse when the timer counter is not operating or during the Tb period. When
Tb is overwritten during the Tb period, the update is valid from the next Tb period.
Note 3: Because the up counter is counted on the falling edge of logical AND-ed pulse (between ECIN pin input and
window gate pulse), if window gate pulse becomes falling edge while ECIN input is "H" level, the up
counter stops plus "1". Therefore, if ECIN input is always "H" level, count value becomes "1".
Table 8-2 Internal window gate pulse setting time
WGPSCK
NORMAL1/2,IDLE1/2 modes
SLOW1/2,
SLEEP1/2 modes
R/W
DV7CK=0
DV7CK=1
Ta
Setting "H" level period of the window
gate pulse
00
01
10
(16 - Ta)
× 212/fc
(16 - Ta)
× 213/fc
(16 - Ta)
× 214/fc
(16 - Ta)
× 24/fs
(16 - Ta)
× 25/fs
(16 - Ta)
× 26/fs
(16 - Ta)
× 24/fs
(16 - Ta)
× 25/fs
(16 - Ta)
× 26/fs
Tb
Setting "L" level period of the window
gate pulse
00
01
10
(16 - Tb)
× 212/fc
(16 - Tb)
× 213/fc
(16 - Tb)
× 214/fc
(16 - Tb)
× 24/fs
(16 - Tb)
× 25/fs
(16 - Tb)
× 26/fs
(16 - Tb)
× 24/fs
(16 - Tb)
× 25/fs
(16 - Tb)
× 26/fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com