công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 185 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 185 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 181Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 182Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 183Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 184Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 185Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 186Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 187Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 188Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 189Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 194 page
background image
Page 175
TMP86CS25AFG
18. Electrical Characteristics
18.1 Absolute Maximum Ratings
The absolute maximum ratings are rated values which must not be exceeded during operation, even for an instant.
Any one of the ratings must not be exceeded. If any absolute maximum rating is exceeded, a device may break down
or its performance may be degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products which include this device, ensure that no absolute maximum rating value will ever be exceeded.
(VSS = 0 V)
Parameter
Symbol
Pins
Rating
Unit
Supply Voltage
VDD
−0.3 to 6.5
V
Input Voltage
VIN
−0.3 to VDD + 0.3
V
Output Voltage
VOUT
−0.3 to VDD + 0.3
V
Output Current (Per 1 pin)
IOUT1
P6 Port
−1.8
mA
IOUT2
P1, P2, P34 to P36, P5, P6, P7 Port
3.2
IOUT3
P30 to P33 Port
30
Output Current (Total)
Σ IOUT2
P1, P2, P34 to P36, P5, P6, P7 Port
60
Σ IOUT3
P30 to P33 Port
80
Power Dissipation [Topr = 85
°C]
PD
350
mW
Soldering Temperature (Time)
Tsld
260 (10 s)
°C
Storage Temperature
Tstg
−55 to 125
Operating Temperature
Topr
−40 to 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com