công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 189 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 189 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 185Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 186Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 187Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 188Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 189Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 190Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 191Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 192Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 193Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 194 page
background image
Page 179
TMP86CS25AFG
18.5 AC Characteristics
Note 1: When the supply voltage is VDD=1.8 to 2.0V, the operating tempreture is Topr= -20 to 85 °C.
18.6 Timer Counter 1 input (ECIN) Characteristics
(VSS = 0 V, VDD = 4.5 to 5.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Machine Cycle Time
tcy
NORMAL1, 2 mode
0.25
–
4
µs
IDLE0, 1, 2 mode
SLOW1, 2 mode
117.6
–
133.3
SLEEP0, 1, 2 mode
High Level Clock Pulse Width
tWCH
For external clock operation
(XIN input)
fc = 16 MHz
–
31.25
–
ns
Low Level Clock Pulse Width
tWCL
High Level Clock Pulse Width
tWCH
For external clock operation
(XTIN input)
fs = 32.768 kHz
–
15.26
–
µs
Low Level Clock Pulse Width
tWCL
(VSS = 0 V, VDD = 2.7 to 4.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Machine Cycle Time
tcy
NORMAL1, 2 mode
0.5
–
4
µs
IDLE0, 1, 2 mode
SLOW1, 2 mode
117.6
–
133.3
SLEEP0, 1, 2 mode
High Level Clock Pulse Width
tWCH
For external clock operation
(XIN input)
fc = 8 MHz
–
62.5
–
ns
Low Level Clock Pulse Width
tWCL
High Level Clock Pulse Width
tWCH
For external clock operation
(XTIN input)
fs = 32.768 kHz
–
15.26
–
µs
Low Level Clock Pulse Width
tWCL
(VSS = 0 V, VDD = 1.8 to 2.7 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Machine Cycle Time
tcy
NORMAL1, 2 mode
0.95
–
4
µs
IDLE0, 1, 2 mode
SLOW1, 2 mode
117.6
–
133.3
SLEEP0, 1, 2 mode
High Level Clock Pulse Width
tWCH
For external clock operation
(XIN input)
fc = 4.2 MHz
–
119.05
–
ns
Low Level Clock Pulse Width
tWCL
High Level Clock Pulse Width
tWCH
For external clock operation
(XTIN input)
fs = 32.768 kHz
–
15.26
–
µs
Low Level Clock Pulse Width
tWCL
(VSS = 0 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
TC1 input (ECIN input)
tTC1
Frequency measurement mode
VDD = 4.5 to 5.5 V
Single edge
count
––
1.0
MHz
Frequency measurement mode
VDD = 2.7 to 4.5 V
Single edge
count
––
0.5
Frequency measurement mode
VDD = 1.8 to 2.7 V
Single edge
count
–
–
0.262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com