công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 188 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 188 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 184Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 185Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 186Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 187Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 188Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 189Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 190Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 191Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 192Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 194 page
background image
Page 178
18. Electrical Characteristics
18.4 AD Conversion Characteristics
TMP86CS25AFG
18.4 AD Conversion Characteristics
Note 1: The total error includes all errors except a quantization error, and is defined as maximum deviation from the ideal
conversion line.
Note 2: Conversion time is different in recommended value by power supply voltage.
About conversion time, refer to “8-bit AD converter(ADC)”.
Note 3: Please use input voltage to AIN input Pin in limit of VAREF − VSS.
When voltage of range outside is input, conversion value becomes unsettled and gives affect to other channel
conversion value.
Note 4: Analog Reference Voltage Range:
∆VAREF = VAREF − VSS
Note 5: When AD is used with VDD < 2.7 V, the guaranteed temperature range varies with the operating voltage.
(VSS = 0.0 V, 4.5 V ≤ VDD ≤ 5.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog Reference Voltage
VAREF
VDD − 1.5
–
VDD
V
Analog Reference Voltage Range (Note 4)
∆VAREF
3.0
–
–
Analog Input Voltage
VAIN
VSS
–
VAREF
Power Supply Current of Analog Reference
Voltage
IREF
VDD = VAREF = 5.5 V
VSS = 0.0 V
–0.6
1.0
mA
Non linearity Error
VDD = 5.0 V, VSS = 0.0 V
VAREF = 5.0 V
––
±1
LSB
Zero Point Error
––
±1
Full Scale Error
––
±1
Total Error
––
±2
(VSS = 0.0 V, 2.7 V ≤ VDD < 4.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog Reference Voltage
VAREF
VDD − 1.5
–
VDD
V
Analog Reference Voltage Range (Note 4)
∆VAREF
2.5
–
–
Analog Input Voltage
VAIN
VSS
–
VAREF
Power Supply Current of Analog Reference
Voltage
IREF
VDD = VAREF = 4.5 V
VSS = 0.0 V
–0.5
0.8
mA
Non linearity Error
VDD = 2.7 V, VSS = 0.0 V
VAREF = 2.7 V
––
±1
LSB
Zero Point Error
––
±1
Full Scale Error
––
±1
Total Error
––
±2
(VSS = 0.0 V, 2.0 V ≤ VDD < 2.7 V, Topr = −40 to 85°C) (Note 5)
(VSS = 0.0 V, 1.8 V ≤ VDD < 2.0 V, Topr = −10 to 85°C) (Note 5)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog Reference Voltage
VAREF
VDD − 0.9
–
VDD
V
Analog Reference Voltage Range (Note 4)
∆VAREF
1.8 V
≤ VDD < 2.0 V
1.8
–
–
2.0 V
≤ VDD < 2.7 V
2.0
–
–
Analog Input Voltage
VAIN
VSS
–
VAREF
Power Supply Current of Analog Reference
Voltage
IREF
VDD = VAREF = 2.7 V
VSS = 0.0 V
–0.3
0.5
mA
Non linearity Error
VDD = 1.8 V, VSS = 0.0 V
VAREF = 1.8 V
––
±2
LSB
Zero Point Error
––
±2
Full Scale Error
––
±2
Total Error
––
±4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com