công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 190 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 190 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 186Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 187Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 188Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 189Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 190Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 191Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 192Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 193Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 194Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 190 / 194 page
background image
Page 180
18. Electrical Characteristics
18.7 Recommended Oscillating Conditions
TMP86CS25AFG
18.7 Recommended Oscillating Conditions
Note 1: A quartz resonator can be used for high-frequency oscillation only when VDD is 2.7 V or above. If VDD is below 2.7
V, use a ceramic resonator.
Note 2: To ensure stable oscillation, the resonator position, load capacitance, etc. must be appropriate. Because these
factors are greatly affected by board patterns, please be sure to evaluate operation on the board on which the
device will actually be mounted.
Note 3: For the resonators to be used with Toshiba microcontrollers, we recommend ceramic resonators manufactured by
Murata Manufacturing Co., Ltd.
For details, please visit the website of Murata at the following URL:
http://www.murata.com
18.8 Handling Precaution
- The solderability test conditions for lead-free products (indicated by the suffix G in product name) are shown
below.
1. When using the Sn-37Pb solder bath
Solder bath temperature = 230
°C
Dipping time = 5 seconds
Number of times = once
R-type flux used
2. When using the Sn-3.0Ag-0.5Cu solder bath
Solder bath temperature = 245
°C
Dipping time = 5 seconds
Number of times = once
R-type flux used
Note: The pass criteron of the above test is as follows:
Solderability rate until forming
≥ 95 %
- When using the device (oscillator) in places exposed to high electric fields such as cathode-ray tubes, we
recommend electrically shielding the package in order to maintain normal operating condition.
(2) Low-frequency Oscillation
(1) High-frequency Oscillation
XIN
XOUT
C2
C1
XTIN
XTOUT
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com