| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705E5GRS/D bảng dữ liệu(PDF) 114 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D bảng dữ liệu(HTML) 114 Page - NXP Semiconductors |
|
114 / 148 page ![]() User EPROM General Release Specification MC68HC705E5 — Rev. 1.0 User EPROM In test mode, reading and writing the MOR is done according to Table 13-3. COP — COP Enable When set, this bit enables the COP watchdog timer. When clear, the COP is disabled. 1 = The COP is enabled. 0 = The COP is disabled (EPROM erased state). Table 13-3. MOR Read/Write Based on Mode and LATCH Bit Latch Test Read Write 00 E N PE = Program EPROM Byte R = Register Latch N = Nothing E = EPROM Byte 10 N PE 01 E R 11 R PE Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |