| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705E5GRS/D bảng dữ liệu(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D bảng dữ liệu(HTML) 25 Page - NXP Semiconductors |
|
25 / 148 page ![]() MC68HC705E5 — Rev. 1.0 General Release Specification Memory General Release Specification — MC68HC705E5 Section 2. Memory 2.1 Contents 2.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 2.3 EPROM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 2.4 RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 2.5 Memory Map. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26 2.6 Register Summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27 2.2 Introduction The MC68HC705E5 has an 8-Kbyte memory map, consisting of user erasable, programmable read-only memory (EPROM), user random access memory (RAM), bootloader ROM, control registers, and input/output (I/O). Refer to Figure 2-1 for the memory map and Figure 2-2 for the register map. 2.3 EPROM The user EPROM consists of 5120 bytes of EPROM from $0B00 to $1EFF and 16 bytes of user vectors from $1FF0 to $1FFF. The bootloader ROM and vectors are located from $1F01 to $1FEF. All of the user vectors, $1FF2 through $1FFF, are dedicated to reset and interrupt vectors. Location $1F00 is the mask option register (MOR). 2.4 RAM The user RAM, including the stack area, consists of 384 bytes located from $0080 to $01FF. The stack begins at address $00FF. The stack pointer can access 64 bytes of RAM from $00FF to $00C0. Using the stack area for data storage or temporary work locations requires care to prevent it from being overwritten due to stacking from an interrupt or subroutine call. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |