| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705E5GRS/D bảng dữ liệu(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D bảng dữ liệu(HTML) 47 Page - NXP Semiconductors |
|
47 / 148 page ![]() MC68HC705E5 — Rev. 1.0 General Release Specification Operating Modes General Release Specification — MC68HC705E5 Section 6. Operating Modes 6.1 Contents 6.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .47 6.3 Single-Chip Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48 6.4 Self-Check Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48 6.5 Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48 6.5.1 Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48 6.5.2 Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .49 6.5.3 Data-Retention Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . .49 6.2 Introduction The MCU has two modes of operation: single-chip mode and self-check mode. This section describes these modes as well as the two low-power modes: stop mode and wait mode. Refer to Table 6-1 for the conditions required to go into each of the operating modes. Table 6-1. Operating Mode Conditions RESET IRQ PB1 Mode VSS – VDD VSS – VDD Single-Chip VTST VDD Self-Check VTST = 2 x VDD Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |