công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICE40LP bảng dữ liệu(PDF) 26 Page - Lattice Semiconductor

tên linh kiện ICE40LP
Giải thích chi tiết về linh kiện  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP bảng dữ liệu(HTML) 26 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 22Page - Lattice Semiconductor ICE40LP Datasheet HTML 23Page - Lattice Semiconductor ICE40LP Datasheet HTML 24Page - Lattice Semiconductor ICE40LP Datasheet HTML 25Page - Lattice Semiconductor ICE40LP Datasheet HTML 26Page - Lattice Semiconductor ICE40LP Datasheet HTML 27Page - Lattice Semiconductor ICE40LP Datasheet HTML 28Page - Lattice Semiconductor ICE40LP Datasheet HTML 29Page - Lattice Semiconductor ICE40LP Datasheet HTML 30Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
26
FPGA-DS-02029-3.5
4.16. LVDS25E Emulation
iCE40 LP/HX devices can support LVDSE outputs via emulation on all banks. The output is emulated using
complementary LVCMOS outputs in conjunction with resistors across the driver outputs on all devices. The scheme
shown in Figure 4.1. LVDS25E Using External Resistors is one possible solution for LVDS25E standard implementation.
Resistor values in Figure 4.1. LVDS25E Using External Resistors are industry standard values for 1% resistors.
R
R
R
OD
OCM
V
CCIO
Differential
Output Pair
Figure 4.1. LVDS25E Using External Resistors
Over recommended operating conditions.
Table 4.16. LVDS25E DC Conditions
Parameter
Description
Typ.
Units
ZOUT
Output impedance
20
Ω
RS
Driver series resistor
150
Ω
RP
Driver parallel resistor
140
Ω
RT
Receiver termination
100
Ω
VOH
Output high voltage
1.43
V
VOL
Output low voltage
1.07
V
VOD
Output differential voltage
0.30
V
VCM
Output common mode voltage
1.25
V
ZBACK
Back impedance
100.5
Ω
IDC
DC output current
6.03
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com