| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICE40LP bảng dữ liệu(PDF) 12 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ICE40LP bảng dữ liệu(HTML) 12 Page - Lattice Semiconductor |
|
12 / 52 page ![]() iCE40 LP/HX Family Data Sheet © 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. 12 FPGA-DS-02029-3.5 Table 3.3. PLL Signal Descriptions Signal Name Direction Description REFERENCECLK Input Input reference clock BYPASS Input The BYPASS control selects which clock signal connects to the PLLOUT output. 0 – PLL generated signal 1 – REFERENCECLK EXTFEEDBACK Input External feedback input to PLL. Enabled when the FEEDBACK_PATH attribute is set to EXTERNAL. DYNAMICDELAY[7:0] Input Fine delay adjustment control inputs. Enabled when DELAY_ADJUSTMENT_MODE is set to DYNAMIC. LATCHINPUTVALUE Input When enabled, puts the PLL into low-power mode; PLL output is held static at the last input clock value. Set ENABLE ICEGATE_PORTA and PORTB to 1 to enable. PLLOUTGLOBAL Output Output from the Phase-Locked Loop (PLL). Drives a global clock network on the FPGA. The port has optimal connections to global clock buffers GBUF4 and GBUF5. PLLOUTCORE Output Output clock generated by the PLL, drives regular FPGA routing. The frequency generated on this output is the same as the frequency of the clock signal generated on the PLLOUTLGOBAL port. LOCK Output When High, indicates that the PLL output is phase aligned or locked to the input reference clock. RESET Input Active low reset. SCLK Input Input, Serial Clock used for re-programming PLL settings. SDI Input Input, Serial Data used for re-programming PLL settings. 3.1.5. sysMEM Embedded Block RAM Memory Larger iCE40 LP/HX device includes multiple high-speed synchronous sysMEM Embedded Block RAMs (EBRs), each 4 kbit in size. This memory can be used for a wide variety of purposes including data buffering and FIFO. 3.1.5.1. sysMEM Memory Block The sysMEM block can implement single port, pseudo dual port, or FIFO memories with programmable logic resources. Each block can be used in a variety of depths and widths as listed in Table 3.4. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |