công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICE40LP bảng dữ liệu(PDF) 29 Page - Lattice Semiconductor

tên linh kiện ICE40LP
Giải thích chi tiết về linh kiện  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP bảng dữ liệu(HTML) 29 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 25Page - Lattice Semiconductor ICE40LP Datasheet HTML 26Page - Lattice Semiconductor ICE40LP Datasheet HTML 27Page - Lattice Semiconductor ICE40LP Datasheet HTML 28Page - Lattice Semiconductor ICE40LP Datasheet HTML 29Page - Lattice Semiconductor ICE40LP Datasheet HTML 30Page - Lattice Semiconductor ICE40LP Datasheet HTML 31Page - Lattice Semiconductor ICE40LP Datasheet HTML 32Page - Lattice Semiconductor ICE40LP Datasheet HTML 33Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
29
4.19.2. Register-to-Register Performance – HX Devices
Table 4.21. Register-to-Register Performance – HX Devices
Function
Timing
Units
Basic Functions
16:1 MUX
305
MHz
16-bit adder
220
MHz
16-bit counter
255
MHz
64-bit counter
105
MHz
Embedded Memory Functions
256 x 16 Pseudo-Dual Port RAM
403
MHz
Notes:
The above timing numbers are generated using the iCECube2 design tool. Exact performance may vary with device and tool
version. The tool uses internal parameters that have been characterized but are not tested on every device.
Using a VCC of 1.14 V at Junction Temp 85 °C.
4.20. Derating Logic Timing
Logic timing provided in the following sections of the data sheet and the Lattice design tools are worst case numbers in
the operating range. Actual delays may be much faster. Lattice design tools can provide logic timing numbers at a
particular temperature and voltage.
4.21. Maximum sysI/O Buffer Performance
Table 4.22. Register-to-Register Performance1
I/O Standard
Max. Speed
Units
Inputs
LVDS252
400
MHz
subLVDS182
400
MHz
LVCMOS33
250
MHz
LVCMOS25
250
MHz
LVCMOS18
250
MHz
Outputs
LVDS25E
250
MHz
subLVDS18E
155
MHz
LVCMOS33
250
MHz
LVCMOS25
250
MHz
LVCMOS18
155
MHz
Notes:
1.
Measured with a toggling pattern.
2.
Supported in Bank 3 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com